Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7933 Datasheet(PDF) 99 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 99 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 95Page - Analog Devices ADE7933 Datasheet HTML 96Page - Analog Devices ADE7933 Datasheet HTML 97Page - Analog Devices ADE7933 Datasheet HTML 98Page - Analog Devices ADE7933 Datasheet HTML 99Page - Analog Devices ADE7933 Datasheet HTML 100Page - Analog Devices ADE7933 Datasheet HTML 101Page - Analog Devices ADE7933 Datasheet HTML 102Page - Analog Devices ADE7933 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 99 of 125
I2C Burst Read Operation
The registers from Address 0xE50C to Address 0xE526
represent quantities computed by the ADE7978 every 8 kHz.
These registers contain the following information:
Waveform samples (IAWV, IBWV, ICWV, INWV, VAWV,
VBWV, VCWV, VA2WV, VB2WV, VC2WV, VNWV, and
VN2WV)
Instantaneous values of various powers (AWATT, BWATT,
CWATT, AVAR, BVAR, CVAR, AVA, BVA, and CVA)
Total harmonic distortion (AVTHD, AITHD, BVTHD,
BITHD, CVTHD, and CITHD)
These registers can be read in two ways: one register at a time
(see the I2C Read Operation section) or multiple consecutive
registers at a time in burst mode.
Burst mode is accomplished in two stages (see Figure 127).
The first stage sets the pointer to the address of the first register
in the burst and is identical to the first stage executed when only
one register is read. Any register from Address 0xE50C to
Address 0xE526 can be the first register in the burst.
The second stage reads the contents of the registers. The second
stage proceeds as follows (see Figure 127):
1. The master generates a new start condition followed by an
address byte equal to the address byte used when a single
register is read, 0x71.
2. After the address byte is received, the ADE7978 acknowledges
the byte and sends the value of the first register located at the
pointer. The register is sent with the most significant byte
first, and all bytes are sent with the most significant bit first.
3. After every eight bits are received, the master generates an
acknowledge.
4. After the bytes of the first register are sent, if the master
acknowledges the last byte, the ADE7978 increments the
pointer by one location to position it at the next register and
begins to send it out byte by byte, most significant byte first.
5. If the master acknowledges the last byte of the second
register, the ADE7978 increments the pointer again and
begins to send data from the next register.
6. The process continues until the master does not acknowledge
the last byte of a register and then generates a stop
condition.
Address 0xE526 is the last location of the memory range allocated
to the burst read operation. Do not perform a burst read operation
on register locations with addresses greater than 0xE526.
The high to low transition of the ZX/DREADY pin can be used
to initiate a burst read operation. The pin must be configured for
the DREADY functionality (set Bits[1:0], ZX_DREADY, to 00
in the CONFIG register, Address 0xE618). The ZX/DREADY
pin goes low approximately 70 ns after Bit 17 (DREADY) in the
STATUS0 register (Address 0xE502) is set to 1. The pin stays
low for 10 µs and then goes high again.
ACK GENERATED
BY ADE7978
ACK
GENERATED BY
MASTER
S 0
15
SLAVE ADDRESS
MOST SIGNIFICANT
8 BITS OF REGISTER
ADDRESS
LEAST SIGNIFICANT
8 BITS OF REGISTER
ADDRESS
8
7
0
1 1 1 0 0 0 0
BYTE 3
(MOST SIGNIFICANT)
OF REGISTER 0
BYTE 0
(LEAST SIGNIFICANT)
OF REGISTER 0
BYTE 3
(MOST SIGNIFICANT)
OF REGISTER 1
BYTE 0
(LEAST SIGNIFICANT)
OF REGISTER n
S
0
1
1
1
0
0
0
SLAVE ADDRESS
S
31
24
1
7
0
31
24
7
0
ACK GENERATED
BY ADE7978
Figure 127. I2C Burst Read of Consecutive Registers Located Between Address 0xE50C and Address 0xE526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com