Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7933 Datasheet(PDF) 109 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 109 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 105Page - Analog Devices ADE7933 Datasheet HTML 106Page - Analog Devices ADE7933 Datasheet HTML 107Page - Analog Devices ADE7933 Datasheet HTML 108Page - Analog Devices ADE7933 Datasheet HTML 109Page - Analog Devices ADE7933 Datasheet HTML 110Page - Analog Devices ADE7933 Datasheet HTML 111Page - Analog Devices ADE7933 Datasheet HTML 112Page - Analog Devices ADE7933 Datasheet HTML 113Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 109 of 125
Address
Register
Name
R/W1
Bit
Length
Bit Length During
Communication2
Type3
Default
Value4
Description
0xE527
to
0xE52F
Reserved
These addresses should not be written for
proper operation.
0xE530
NVRMS
R
24
32 ZP
S
N/A
Neutral line V1P voltage rms value.
0xE531
NV2RMS
R
24
32 ZP
S
N/A
Neutral line V2P voltage rms value.
0xE532
CHECKSUM
R
32
32
U
0x6BF87803
Checksum verification (see the Checksum
Register section for more information).
0xE533
VNOM
R/W
24
32 ZP
S
0x000000
Nominal phase voltage rms used in the
alternative computation of the apparent
power.
0xE534
to
0xE536
Reserved
These addresses should not be written for
proper operation.
0xE537
AFIRMS
R
24
32 ZP
S
N/A
Phase A fundamental current rms value.
0xE538
AFVRMS
R
24
32 ZP
S
N/A
Phase A fundamental voltage rms value.
0xE539
BFIRMS
R
24
32 ZP
S
N/A
Phase B fundamental current rms value.
0xE53A
BFVRMS
R
24
32 ZP
S
N/A
Phase B fundamental voltage rms value.
0xE53B
CFIRMS
R
24
32 ZP
S
N/A
Phase C fundamental current rms value.
0xE53C
CFVRMS
R
24
32 ZP
S
N/A
Phase C fundamental voltage rms value.
0xE53D
to
0xE5FE
Reserved
These addresses should not be written for
proper operation.
0xE5FF
LAST_
RWDATA32
R
32
32
U
N/A
Contains the data from the last successful
32-bit register communication.
0xE600
PHSTATUS
R
16
16
U
N/A
Phase peak register (see Table 49).
0xE601
ANGLE0
R
16
16
U
N/A
Time Delay 0 (see the Time Interval Between
Phases section for more information).
0xE602
ANGLE1
R
16
16
U
N/A
Time Delay 1 (see the Time Interval Between
Phases section for more information).
0xE603
ANGLE2
R
16
16
U
N/A
Time Delay 2 (see the Time Interval Between
Phases section for more information).
0xE604
to
0xE607
Reserved
These addresses should not be written for
proper operation.
0xE608
PHNOLOAD
R
16
16
U
N/A
Phase no load register (see Table 50).
0xE609
to
0xE60B
Reserved
These addresses should not be written for
proper operation.
0xE60C
LINECYC
R/W
16
16
U
0xFFFF
Line cycle accumulation mode count.
0xE60D
ZXTOUT
R/W
16
16
U
0xFFFF
Zero-crossing timeout count.
0xE60E
COMPMODE
R/W
16
16
U
0x01FF
Computation mode register (see Table 51).
0xE60F
Reserved
This address should not be written for
proper operation.
0xE610
CFMODE
R/W
16
16
U
0x0E88
CFx configuration register (see Table 52).
0xE611
CF1DEN
R/W
16
16
U
0x0000
CF1 denominator.
0xE612
CF2DEN
R/W
16
16
U
0x0000
CF2 denominator.
0xE613
CF3DEN
R/W
16
16
U
0x0000
CF3 denominator.
0xE614
APHCAL
R/W
10
16 ZP
U
0x0000
Phase calibration of Phase A (see Table 53).
0xE615
BPHCAL
R/W
10
16 ZP
U
0x0000
Phase calibration of Phase B (see Table 53).
0xE616
CPHCAL
R/W
10
16 ZP
U
0x0000
Phase calibration of Phase C (see Table 53).
0xE617
PHSIGN
R
16
16
U
N/A
Power sign register (see Table 54).
0xE618
CONFIG
R/W
16
16
U
0x0010
ADE7978 configuration register (see Table 55).
0xE619
to
0xE6FF
Reserved
These addresses should not be written for
proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com