Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5753 Datasheet(PDF) 40 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD5753 Datasheet HTML 36Page - Analog Devices AD5753 Datasheet HTML 37Page - Analog Devices AD5753 Datasheet HTML 38Page - Analog Devices AD5753 Datasheet HTML 39Page - Analog Devices AD5753 Datasheet HTML 40Page - Analog Devices AD5753 Datasheet HTML 41Page - Analog Devices AD5753 Datasheet HTML 42Page - Analog Devices AD5753 Datasheet HTML 43Page - Analog Devices AD5753 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 40 of 75
The 16-bit USER_OFFSET register allows the user to adjust the
offset of the DAC channel by −32,768 LSBs to +32,768 LSBs in
steps of 1 LSB. The USER_OFFSET register coding is straight
binary as shown in Table 15. The default code in the USER_
OFFSET register is 0x8000, which results in zero offset
programmed to the output.
Table 15. Offset Register Adjustment
Gain Adjustment
D15
D13 to D2
D0
+32,768 LSBs
1
1
1
+32,767 LSBs
1
1
0
…
…
…
…
No Adjustment (Default)
1
0
0
…
…
…
…
−32,767 LSBs
0
0
1
−32,768 LSBs
0
0
0
The value (in decimal) that is written to the internal DAC
register can be calculated by
15
16
2
2
)
1
(
_
−
+
+
×
=
C
M
D
Code
DAC
(1)
where:
D is the code loaded to the DAC_INPUT register.
M is the code in the USER_GAIN register (default code = 216 − 1).
C is the code in the USER_OFFSET register (default code = 215).
Data from the DAC_INPUT register is processed by a digital
multiplier and adder, controlled by the contents of the user
gain and USER_OFFSET registers, respectively. The calibrated
DAC data is then loaded to the DAC, dependent on the state of
the LDAC pin.
Each time data is written to the USER_GAIN or USER_
OFFSET register, the DAC output is not automatically updated.
Instead, the next write to the DAC_INPUT register uses these
user gain and user offset values to perform a new calibration
and automatically updates the channel. The read only
DAC_OUTPUT register represents the value currently
available at the DAC output except in the case of user gain and
user offset calibration. In this case, the DAC_OUTPUT register
represents the DAC data input by the user, on which the
calibration was performed and not the result of the calibration.
Both the USER_GAIN register and the USER_OFFSET register
have 16 bits of resolution. The correct method to calibrate the
gain and offset is to first calibrate the gain and then calibrate
the offset.
DAC OUTPUT UPDATE AND DATA INTEGRITY
DIAGNOSTICS
Figure 83 shows a simplified version of the DAC input loading
circuitry. If used, the USER_GAIN and USER_OFFSET
registers must be updated before writing to the DAC_INPUT
register.
The DAC_OUTPUT register (and ultimately the DAC output)
updates in any of the following cases:
•
If a write is performed to the DAC_INPUT register with
the hardware LDAC pin tied low, the DAC_OUTPUT
register is updated on the rising edge of SYNC (subject to
the timing specifications in Table 2.
•
If the hardware LDAC pin is high and a write to the
DAC_INPUT register occurs, the DAC_OUTPUT register
does not update until a software LDAC instruction is
issued or the hardware LDAC pin is pulsed low.
•
If a WDT timeout occurs with the CLEAR_ON_WDT_FAIL
bit set, the CLEAR_CODE register contents are loaded to
the DAC_OUTPUT register.
•
If the slew rate control feature is enabled, the
DAC_OUTPUT register contains the dynamic value of the
DAC as it slews between values.
Note that, while a WDT fault is active, all writes to the DAC_
INPUT register as well as hardware or software LDAC events
are ignored. If the CLEAR_ON_WDT_FAIL bit was set, such
that the output was set to the clear code, when the WDT fault
flag is cleared, the DAC_INPUT register must be written to
before an update to the DAC_OUTPUT register occurs, that is,
performing a software or hardware LDAC only reloads the DAC
with the clear code. As described in the Echo Mode section, after
configuring the DAC range (via the DAC_CONFIG register), a
write to the DAC_INPUT register must occur, even if the contents
of the DAC_INPUT register are not changing from their current
value.
Note also that the GP_CONFIG2 register contains a bit to enable a
global software LDAC mode, whereby the ADFS5758 address
bits of the SW_LDAC command are ignored, thus enabling
multiple ADFS5758 devices to be simultaneously updated using
a single SW_LDAC command. This is a useful feature if the
hardware LDAC pin is not being used in a system containing
multiple ADFS5758 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com