Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5753 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5753 Datasheet HTML 25Page - Analog Devices AD5753 Datasheet HTML 26Page - Analog Devices AD5753 Datasheet HTML 27Page - Analog Devices AD5753 Datasheet HTML 28Page - Analog Devices AD5753 Datasheet HTML 29Page - Analog Devices AD5753 Datasheet HTML 30Page - Analog Devices AD5753 Datasheet HTML 31Page - Analog Devices AD5753 Datasheet HTML 32Page - Analog Devices AD5753 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 29 of 75
TERMINOLOGY
Total Unadjusted Error (TUE)
TUE is a measure of the output error taking all the various
errors into account, namely INL error, offset error, gain error,
and output drift over supplies, temperature, and time. TUE is
expressed in % FSR.
Relative Accuracy or Integral Nonlinearity (INL)
For the DAC, relative accuracy, or INL, is a measure of the
maximum deviation, in LSBs or % FSR, from the best fit line
passing through the DAC transfer function.
Differential Nonlinearity (DNL)
DNL is the difference between the measured change and the
ideal 1 LSB change between any two adjacent codes. A specified
differential nonlinearity of ±1 LSB maximum ensures
monotonicity.
Monotonicity
A DAC is monotonic if the output either increases or remains
constant for increasing digital input code. The ADFS5758 is
monotonic over its full operating temperature range.
Zero-Scale/Negative Full-Scale Error
Zero-scale/negative full-scale error is the error in the DAC
output voltage when 0x0000 (straight binary coding) is loaded
to the DAC output register.
Zero-Scale Temperature Coefficient (TC)
Zero-scale TC is a measure of the change in zero-scale error
with a change in temperature. Zero-scale error TC is expressed
in ppm FSR/°C.
Bipolar Zero Error
Bipolar zero error is the deviation of the analog output from the
ideal half-scale output of 0 V when the DAC output register is
loaded with 0x8000 (straight binary coding).
Bipolar Zero Temperature Coefficient (TC)
Bipolar zero TC is a measure of the change in the bipolar zero
error with a change in temperature. It is expressed in ppm FSR/°C.
Offset Error
Offset error is the deviation of the analog output from the ideal
and is measured using ¼ scale and ¾ scale digital code
measurements. It is expressed in % FSR.
Offset Error (TC)
Offset error TC is a measure of the change in the offset error
with a change in temperature. It is expressed in ppm FSR/°C.
Gain Error
Gain error is a measure of the span error of the DAC. It is the
deviation in slope of the DAC transfer characteristic from the
ideal expressed in % FSR.
Gain Error Temperature Coefficient (TC)
Gain error TC is a measure of the change in gain error with
changes in temperature. Gain error TC is expressed in ppm
FSR/°C.
Full-Scale Error
Full-scale error is a measure of the output error when full-scale
code is loaded to the DAC output register. Ideally, the output is
full-scale − 1 LSB. Full-scale error is expressed in % FSR.
Headroom
Headroom is the difference between the voltage required at the
output (programmed voltage in voltage output mode and
programmed current × RLOAD in current output mode) and the
voltage supplied by the positive supply rail, VDPC+. Headroom is
relevant when the output is positive with respect to ground.
Footroom
Footroom is the difference between the voltage required at the
output (programmed voltage in voltage output mode and
programmed current × RLOAD in current output mode) and the
voltage supplied by the negative supply rail, AVSS. Footroom is
relevant when the output is negative with respect to ground.
VOUT/−VSENSE Common-Mode Rejection Ratio (CMRR)
VOUT/−VSENSE CMRR is the error in VOUT voltage due to changes
in −VSENSE voltage.
Current Loop Compliance Voltage
The maximum voltage at the VIOUT pin for which the output
current is equal to the programmed value.
Voltage Reference Thermal Hysteresis
Voltage reference thermal hysteresis is the difference in output
voltage measured at 25°C compared to the output voltage
measured at 25°C after cycling the temperature from 25°C
to −40°C to +105°C and then back to 25°C.
Voltage Reference TC
Voltage reference TC is a measure of the change in the
reference output voltage with a change in temperature. The
reference TC is calculated using the box method, which defines
the TC as the maximum change in the reference output over a
given temperature range expressed in ppm/°C, as follows:
6
_
_
_
10
×
×
−
=
TempRange
V
V
V
TC
NOM
REF
MIN
REF
MAX
REF
where:
VREF_MAX is the maximum reference output measured over the
total temperature range.
VREF_MIN is the minimum reference output measured over the
total temperature range.
VREF_NOM is the nominal reference output voltage, 2.5 V.
TempRange is the specified temperature range, −40°C to
+105°C.
Line Regulation
Line regulation is the change in reference output voltage due to
a specified change in power supply voltage. It is expressed in
ppm/V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com