Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5753 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5753 Datasheet HTML 12Page - Analog Devices AD5753 Datasheet HTML 13Page - Analog Devices AD5753 Datasheet HTML 14Page - Analog Devices AD5753 Datasheet HTML 15Page - Analog Devices AD5753 Datasheet HTML 16Page - Analog Devices AD5753 Datasheet HTML 17Page - Analog Devices AD5753 Datasheet HTML 18Page - Analog Devices AD5753 Datasheet HTML 19Page - Analog Devices AD5753 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 16 of 75
Pin No.
Mnemonic
Description
21
SYNC
Frame Synchronization Signal for the Serial Interface. Active low input. While SYNC is low, data is transferred in on
the falling edge of SCLK.
22
AD1
Address Decode 1 for the ADFS5758 on the Board.
23
AD0
Address Decode 0 for the ADFS5758 on the Board.
24
FAULT
Fault Pin. Active low, open-drain output. This pin is high impedance when no faults are detected and is asserted
low when certain faults are detected, for example, an open circuit in current mode, a short circuit in voltage mode,
a CRC error, or an overtemperature error (see the Output Fault section). This pin must be connected to VLOGIC with a 10 kΩ
pull-up resistor.
25
AVSS
Negative Analog Supply. The voltage range is from 0 V to −33 V. If using the device solely for unipolar current
output purposes, AVSS can be 0 V. For a unipolar voltage output, AVSS (maximum) is −2.5 V. When using bipolar
output ranges, VOUT/IOUT headroom must be obeyed when calculating the AVSS maximum. For example, for a ±10 V
output, the AVSS maximum is −12.5 V. See the AVSS Considerations section for an important note on power supply
sequencing.
26
−VSENSE
Sense Connection for the Negative Voltage Output Load Connection for VOUT Mode. This pin must stay within ±10 V
of AGND for specified operation. It is recommended to connect a series 1 kΩ resistor to this pin. If remote sensing is
not being used, short this pin to AGND via the 1 kΩ resistor.
27
CCOMP
Optional Compensation Capacitor Connection for the Voltage Output Buffer. Connecting a 220 pF capacitor
between this pin and the VIOUT pin allows the voltage output to drive up to 2 µF. The addition of this capacitor
reduces the bandwidth of the output amplifier, increasing the settling time.
28
+VSENSE
Sense Connection for the Positive Voltage Output Load Connection for Voltage Output Mode. It is recommended
to connect a series 1 kΩ resistor to this pin. If remote sensing is not being used, short this pin to VIOUT via the 1 kΩ
resistor.
29
VIOUT
Voltage/Current Output Pin. VIOUT is a shared pin, providing either a buffered output voltage or current.
30
ADC2
Multiplexed ADC External Input 2 (Input Range of ±15 V).
31
VDPC+
Positive Supply for Current and Voltage Output Stage. To use the dc-to-dc feature of the device, connect as shown
in Figure 77.
32
PGND1
Power Ground.
EPAD
Exposed Pad. Connect the exposed pad to the potential of the AVSS pin, or, alternatively, it can be left electrically
unconnected. It is recommended that the pad be thermally connected to a copper plane for enhanced thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com