Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7217 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC7217
Description  Multi-Gigabit Interconnect Chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7217 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC7217 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
6/14/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC7217
Multi-Gigabit Interconnect Chip
G52325-0, Rev. 3.0
If the transmitting devices’
REFCLKs are not frequency locked to the receiving devices’ REFCLKs,
IDLEs will have to be added to or dropped from all the channels at the same time. In order to implement this,
one VSC7217 is arbitrarily chosen as the “Master” and its
WSO output is driven to the WSI inputs of all the
receiving VSC7217s, including itself.
WSO is asserted prior to the VSC7217 adding/dropping IDLEs so all the
VSC7217s will operate simultaneously.
WSO uses a simple 3-bit serial protocol, synchronous to the Master
channel’s word clock, for indicating the required synchronization action to other VSC7217s. A steady LOW
level indicates no action is required. ‘101’ indicates that Master Channel A has seen a Word Sync Event. The
relative timing relationship between receiving a Word Sync Event (on all channels together) and seeing ‘101’
on the
WSI input in the other channels allows these channels to word-synchronize with Master Channel A.
‘110’ indicates that the next IDLE encountered in the receive data stream should be deleted. ‘111’ indicates that
an IDLE should be inserted after the next IDLE encountered in the receive data stream. Note that the arbitrarily
chosen Master Channel A must be an active channel.
Decoder Bypass Mode
If
ENDEC is LOW, the 8B/10B decoder is bypassed and a 10-bit received character Rn(9:0) is output from
each receive channel. The
KCHn output becomes Rn8, and ERRn becomes Rn9. Character alignment is han-
dled differently in this mode of operation. As mentioned in the “Encoder Bypass Mode” section, the
KCHAR
input becomes
ENCDET which enables Comma detection and re-synchronization when HIGH, and disables re-
synchronization when LOW. Only the ‘0011111xxx’ version of the Comma pattern is recognized when
ENDEC is LOW. The IDLEn output becomes COMDET (Comma Detect) which signals detection of the
‘0011111xxx’ Comma pattern in the current 10-bit output character when high. This mode of operation is
equivalent to a 10-bit interface commonly found in serializer/deserializers for the Fibre Channel (VSC7125)
and Gigabit Ethernet markets (VSC7135).
The logic used to align the four receive channels and/or insert and delete IDLE characters to compensate
for REFCLK variations between transmitting and receiving devices is disabled when
ENDEC is LOW. In order
for this mode of operation to function without errors, the word clock source, as selected by
RMODE(1:0), must
be frequency-locked to the REFCLK of the remote transmitting device in each channel. This is guaranteed
when
RMODE(1:0) = 11. For other choices of RMODE(1:0), the frequency locked condition must be guaran-
teed by system design. When
DUAL is HIGH and RMODE(1:0) = 10 or 11, the character containing the
‘0011111xxx’ Comma pattern is aligned to
RCLKn/RCLKNn in each channel so that COMDET will be
asserted on the falling edge of
RCLKn (rising edge of RCLKNn). This is done by adjusting the latency
through the elastic buffer; the recovered clock is never stretched or slivered. When the Comma pattern changes
the framing boundary, data characters prior to the assertion of
COMDET on the falling edge of RCLKn may
be corrupted.
Receiver State Machine
Each channel contains a Loss of Synchronization State Machine (LSSM) which is responsible for detecting
and handling loss of bit, channel, word and word clock synchronization in a controlled manner. There are three
states in the LSSM: LOSS_OF_SYNC, RESYNC, and SYNC_ACQUIRED as shown in the state diagram of
Figure 9. The RESYNC state is entered when a 10-bit word has been received which contains the 7-bit Comma
pattern (e.g., a K28.5 IDLE character). After entering the RESYNC state, the VSC7217 will stay in it until a
valid, non-Comma transmission is received, then it transitions to the SYNC_ACQUIRED state indicating a nor-
mal operating condition. The RESYNC state is re-entered if four consecutive Commas are received or if a sin-
gle Comma is received that changes the 10B character framing boundary. The LOSS_OF_SYNC state is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com