Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7217 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7217
Description  Multi-Gigabit Interconnect Chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7217 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7217 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 3
6/14/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC7217
Multi-Gigabit Interconnect Chip
G52325-0, Rev. 3.0
Transmitter Functional Description
Transmitter Data Bus
Each VSC7217 transmit channel has an 8-bit input transmit data character,
Tn(7:0), and two control inputs,
C/Dn and WSENn. The C/Dn input determines whether a normal data character or a special “K-character” is
transmitted, and the
WSENn input initiates transmission of a 16-character “Word Sync Sequence” used to align
the receive channels. These data and control inputs are clocked either on the rising edge of
REFCLK, on the
rising edge of
TBCn, or within the data eye formed by TBCn. When not using REFCLK, each channel uses
either its own
TBCn input, or the TBCA input. The transmit interface mode is controlled by TMODE(2:0), as
shown in Table 1.
When used, the
TBCn inputs must be frequency locked to REFCLK. No phase relationship is assumed. A
small skew buffer is provided to tolerate phase drift between
TBCn and REFCLK. This buffer is recentered by
the
RESETN input, and the total phase drift after recentering must be limited to
±180° (where 360° is one char-
acter time). Each channel has an error output,
TBERRn, that is asserted HIGH to indicate that the phase drift
between
TBCn and REFCLK has accumulated to the point that the elastic limit of the skew buffer has been
exceeded and a transmit data character has been either dropped or duplicated. This error can not occur when
input timing is referenced to
REFCLK. The TBERRn output timing is identical to the low-speed receiver out-
puts, as selected by
RMODE(1:0) in Table 5.
Table 1: Transmit Interface Input Timing Mode
The following figures show the possible relationships between data and control inputs and the selected
input timing source. Figure 2 shows how
REFCLK is used as an input timing reference. This mode of opera-
tion is used in the VSC7211 and VSC7214. Figure 3 and Figure 4 show how
TBCn is used as an input timing
reference. When
TBCn is used to define a data eye (see Figure 4), it functions as an additional data input that
simply toggles every cycle.
Note that the
REFCLK and TBCn inputs are not used directly to clock the input data. Instead, an internal
PLL generates edges aligned with the appropriate clock. The arrows on the rising edges of these signals define
the reference edge for the internal phase detection logic. An internal clock is generated at 1/10 the serial trans-
TMODE(2:0)
Input Timing Reference
0 0 0
REFCLK Rising Edge
0 0 1
0 1 0
0 1 1
Reserved
1 0 0
TBCA Rising Edge
1 0 1
TBCn Rising Edge
1 1 0
TBCA Data Eye
1 1 1
TBCn Data Eye



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com