Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7217 Datasheet(PDF) 21 Page - Vitesse Semiconductor Corporation

Part # VSC7217
Description  Multi-Gigabit Interconnect Chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7217 Datasheet(HTML) 21 Page - Vitesse Semiconductor Corporation

Back Button VSC7217 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 25Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 21
6/14/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC7217
Multi-Gigabit Interconnect Chip
G52325-0, Rev. 3.0
Figure 15: Transmit Input Timing Waveforms with TMODE = 11X (“ASIC-Friendly” Timing)
Table 10: Transmit Input AC Characteristics with TMODE = 11X
Figure 16: Transmit Serial Timing Waveforms
Table 11: Transmit Serial AC Characteristics
Parameters
Description
Min
Max
Units
Conditions
TS
Input Skew relative to the rising
edge of
TBCn or TBCA
—
2.0
bc
Measured between the valid data
level of the input and the 1.4V point
of
TBCn or TBCA, bc = Bit Clock.
Parameters
Description
Min
Max
Units
Conditions
TSDR, TSDF
TXn+/- Rise and Fall Times
—
330
ps
Measured between 20% to
80% of the valid data level.
TLAT
Latency,
REFCLK to TX0
Latency,
TBCA to TX0
Latency,
TBCB/C/D to TX0
22bc+0.2ns
36bc+0.0ns
32bc+0.1ns
22bc+0.8ns
38bc+0.3ns
42bc+0.6ns
bc + ns
ENDEC=1 TMODE=000
ENDEC=1 TMODE=10X
ENDEC=1 TMODE=101
TJ
Serial Data Output
Total Jitter (p-p)
—
192
ps
IEEE 802.3z Clause 38.69,
tested on a sample basis.
TDJ
Serial Data Output
Deterministic Jitter (p-p)
—
80
ps
IEEE 802.3z Clause 38.69,
tested on a sample basis.
Valid
TS
Valid
Valid
TS
Internal Clock
(from PLL)
TBCn
(or TBCA)
Tn(7:0)
C/Dn
WSENn
TSDR, TSDF
TLAT
TXn+, TXn-
TX0
REFCLK
(or TBCn)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com