Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGC3030 Datasheet(PDF) 32 Page - Microchip Technology

Part # MGC3030
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 28Page - Microchip Technology MGC3030 Datasheet HTML 29Page - Microchip Technology MGC3030 Datasheet HTML 30Page - Microchip Technology MGC3030 Datasheet HTML 31Page - Microchip Technology MGC3030 Datasheet HTML 32Page - Microchip Technology MGC3030 Datasheet HTML 33Page - Microchip Technology MGC3030 Datasheet HTML 34Page - Microchip Technology MGC3030 Datasheet HTML 35Page - Microchip Technology MGC3030 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
8.5
Reference Schematic
North Electrode
South Electrode
Center Electrode
VDD
10 KΩ
10 KΩ
10 KΩ
10 KΩ
IS1
IS2
VDD
VDD
n.p: not populated
IS1
IS2
SDA
SCL
GPIO/IRQ
HOST
RESET
CONTROL
MCLR
MCLR
VDD VDD
VDD
VDD
TX Electrode
VDD
VDD
TX4
R0 = 4.7K 1)
R1 = 4.7K 1)
R2 = 4.7K 1)
R3 = 1K 1)
R4 = 1K 1)
TX1
TX0
TX2
TX3
TX4
GP5
SYNC
DNC
RX1
DNC
DNC
MCLR
VSS
VDD
IS1
IS2
RX2
1
2
3
4
5
6
7
8
9
10
11
12
DNC
DNC
VSS
TS
MODE
VDD
SCL
SDA
TX4
TX3
TX2
TX1
36
35
34
33
32
31
30
29
28
27
26
25
10 KΩ
10 μF
C1 = 470pF 1)
MGC3140-E/MV
Test Point
TX3
TX2
TX1
MODE
NC
SYNC
VDD
Notes: 
1.
Specific values should be reviewed with a Microchip representative.
2.
The values of pull-up resistors need to be chosen to ensure that SCL and SDA rise and fall times meet the I2C
specification. The value required will depend on the amount of capacitance loading on the lines.
8.6
Layout Recommendation
This section provides a brief description of layout hints for a proper system design.
The PCB layout requirements for MGC3140 follow the general rules for a mixed signal design. In addition, there are
certain requirements to be considered for the sensor signals and electrode feeding lines.
The chip must be placed as close as possible to the electrodes to keep their feeding lines as short as possible.
Furthermore, it is recommended to keep MGC3140 away from electrical and thermal sources within the system.
A two-layer PCB layout is sufficient to enable analog and digital signals to be separated from each other to minimize
crosstalk.
The individual electrode feeding lines must be kept as far as possible apart from each other. VDD lines must be routed
as wide as possible.
MGC3140 requires a proper ground connection on all VSS pins which can be connected together.
MGC3140
Application Architecture
© 2018-2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS40002037C-page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com