Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGC3030 Datasheet(PDF) 17 Page - Microchip Technology

Part # MGC3030
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 13Page - Microchip Technology MGC3030 Datasheet HTML 14Page - Microchip Technology MGC3030 Datasheet HTML 15Page - Microchip Technology MGC3030 Datasheet HTML 16Page - Microchip Technology MGC3030 Datasheet HTML 17Page - Microchip Technology MGC3030 Datasheet HTML 18Page - Microchip Technology MGC3030 Datasheet HTML 19Page - Microchip Technology MGC3030 Datasheet HTML 20Page - Microchip Technology MGC3030 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
5.3
External Rx Electrodes
Rx electrodes are connected to the MGC3140. An electrode needs to be individually designed following the guide
lines from the "GestIC Design Guide” (DS40001716), for optimal E-field distribution and detection of E-field variations
inflicted by a user.
5.3.1
Electrode Equivalent Circuit
The hand position tracking and gesture recognition capabilities of a GestIC system depend on the electrode design
and their material characteristics.
A simplified equivalent circuit model of a generic GestIC electrode system is illustrated in the following figure:
Figure 5-2. Electrodes Capacitive Equivalent Circuitry Earth Grounded
CRXTX
CTXG
CRXG
System ground
Transmitter signal
Electrode signal
CH
Earth ground
E-field
VTX
System Ground
eRx
eTx
External Electrodes
VRX
VTx
Tx electrode voltage
VRxBuf MGC3140 Rx input voltage
CH
Capacitance between receive electrode and hand (earth ground). The user’s hand can always be
considered as earth-grounded due to the comparable large size of the human body.
CRxTx Capacitance between receive and transmit electrodes
CRxG
Capacitance of the receive (Rx) electrode to system ground + input capacitance of the MGC3140 receiver
circuit
CTxG
Capacitance of the transmit (Tx) electrode to system ground
eRx
Rx electrode
eTx
Tx electrode
The Rx and Tx electrodes in a GestIC electrode system build a capacitance voltage divider with the capacitances
CRxTx and CRxG which are determined by the electrode design. CTxG represents the Tx electrode capacitance to
system ground driven by the Tx signal. The Rx electrode measures the potential of the generated E-field. If a
conductive object (e.g., a hand) approaches the Rx electrode, CH changes its capacitance. Femtofarad changes are
detected by the MGC3140 receiver. The equivalent circuit formula for the earth-grounded circuitry is described in the
following equation:
Equation 5-1. Electrodes Equivalent Circuit
VRxBuf=VTx× CRxTx
CRxTx+CRxG+CH
A common example of an earth-grounded device is a notebook, even with no ground connection via power supply or
Ethernet connection. Due to its larger form factor, it presents a high earth-ground capacitance in the range of 50 pF
MGC3140
System Architecture
© 2018-2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS40002037C-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com