Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGC3030 Datasheet(PDF) 34 Page - Microchip Technology

Part # MGC3030
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 30Page - Microchip Technology MGC3030 Datasheet HTML 31Page - Microchip Technology MGC3030 Datasheet HTML 32Page - Microchip Technology MGC3030 Datasheet HTML 33Page - Microchip Technology MGC3030 Datasheet HTML 34Page - Microchip Technology MGC3030 Datasheet HTML 35Page - Microchip Technology MGC3030 Datasheet HTML 36Page - Microchip Technology MGC3030 Datasheet HTML 37Page - Microchip Technology MGC3030 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
10.
Electrical Specifications
10.1
Absolute Maximum Ratings(†)
Parameter
Rating
Ambient temperature
-40°C to +125°C
Storage temperature
-65°C to +150°C
Voltage on VDD with respect to VSS
4V
Voltage on non I2C pins with respect to VSS
-0.3V to +3.6V
Voltage on I2C pins relative to VSS
-0.3V to +5.5V
CAUTION
Notice:  (†) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at those or any
other conditions above those indicated in the operation listings of this specification is not implied. Exposure
above maximum rating conditions for extended periods may affect device reliability.
CAUTION
Notice:  (†) This device is sensitive to ESD damage and must be handled appropriately. Failure to
properly handle and protect the device in an application may cause partial to complete failure of the
device.
10.2
Recommended Operating Conditions
Parameter
Rating
Operating temperature
-40°C to +125°C
Storage temperature
-65°C to +150°C
VDD
3.3V ± 5%
VANA
3.3V ± 5%
AVDD
3.3V ± 5%
10.3
I/O Characteristics
DC Input Characteristics
Operating temperature: -40°C ≤ TA ≤ 125°C
Characteristic
Symbol
Pin Function
Min
Max
Units
Conditions
Input low voltage
VIL
Rx pins
VSS
0.2 VDD
V
SDA, SCL
VSS
0.3 VDD
V
Input high voltage
VIH
Rx pins
0.65 VDD
VDD
V
SDA, SCL
0.65 VDD
5.5
V
Input leakage
current
IIL
Rx pins
±1
uA
VSS ≤ Vpin ≤ VDD
MCLR
±1
uA
VSS ≤ Vpin ≤ VDD
Note:  Parameters are characterized, but not tested.
MGC3140
Electrical Specifications
© 2018-2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS40002037C-page 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com