Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC64-I/P Datasheet(PDF) 35 Page - Microchip Technology

Part # 24LC64-I/P
Description  64-Kbit I2C Serial EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64-I/P Datasheet(HTML) 35 Page - Microchip Technology

Back Button 24LC64-I/P Datasheet HTML 31Page - Microchip Technology 24LC64-I/P Datasheet HTML 32Page - Microchip Technology 24LC64-I/P Datasheet HTML 33Page - Microchip Technology 24LC64-I/P Datasheet HTML 34Page - Microchip Technology 24LC64-I/P Datasheet HTML 35Page - Microchip Technology 24LC64-I/P Datasheet HTML 36Page - Microchip Technology 24LC64-I/P Datasheet HTML 37Page - Microchip Technology 24LC64-I/P Datasheet HTML 38Page - Microchip Technology 24LC64-I/P Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
 1997-2022 Microchip Technology Inc. and its subsidiaries
DS20001189U-page 35
24AA64/24FC64/24LC64
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
C
SEATING
PLANE
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Molded Package Width
Molded Package Thickness
Pitch
Standoff §
Units
Dimension Limits
A1
A
b
E1
A2
e
L
E
N
1.27 BSC
–
0.51
0.36
1.77
0.05
–
–
–
–
MILLIMETERS
MIN
NOM
8
0.76
0.51
2.03
0.25
MAX
Overall Length
D
5.26 BSC
Terminal Thickness
c
0.15–0.25
1
–
0°
8°
Foot Angle
2
–
Lead Angle
1.75
1.98
3
–
Mold Draft Angle
7.94 BSC
5.25 BSC
8°
15°
0°
–
8-Lead Plastic Small Outline (SM) - Medium, 5.28 mm (.208 Inch) Body [SOIJ]
Microchip Technology Drawing C04-056 Rev D
DETAIL B
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or
§ – Significant Characteristic
protrusions shall not exceed 0.25mm per side.
SOIJ – JEITA/EIAJ Standard, Formerly called SOIC
3.
4.
5.
3
c
2
4X 1
4X 1
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com