Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC64-I/P Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LC64-I/P
Description  64-Kbit I2C Serial EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64-I/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LC64-I/P Datasheet HTML 9Page - Microchip Technology 24LC64-I/P Datasheet HTML 10Page - Microchip Technology 24LC64-I/P Datasheet HTML 11Page - Microchip Technology 24LC64-I/P Datasheet HTML 12Page - Microchip Technology 24LC64-I/P Datasheet HTML 13Page - Microchip Technology 24LC64-I/P Datasheet HTML 14Page - Microchip Technology 24LC64-I/P Datasheet HTML 15Page - Microchip Technology 24LC64-I/P Datasheet HTML 16Page - Microchip Technology 24LC64-I/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
 1997-2022 Microchip Technology Inc. and its subsidiaries
DS20001189U-page 13
24AA64/24FC64/24LC64
8.0
READ OPERATION
Read operations are initiated in the same way as write
operations, with the exception that the R/W bit of the
control byte is set to one. There are three basic types
of read operations: current address read, random read
and sequential read.
8.1
Current Address Read
The 24XX64 contains an Address Pointer that main-
tains the address of the last word accessed, internally
incremented by one. Therefore, if the previous read
access was to address ‘n’ (n is any legal address), the
next current address read operation would access data
from address n + 1.
Upon receipt of the control byte with R/W bit set to one,
the 24XX64 issues an Acknowledge and transmits the
8-bit data word. The host will not acknowledge the
transfer, but does generate a Stop condition and the
24XX64 discontinues transmission (Figure 8-1).
8.2
Random Read
Random read operations allow the host to access
any memory location in a random manner. To
perform this type of read operation, the word address
must first be set. This is accomplished by sending
the word address to the 24XX64 as part of a write
operation (R/W bit set to ‘0’). Once the word address
is sent, the host generates a Start condition following
the Acknowledge.
This terminates the write operation, but not before
the internal Address Pointer is set. The host then
issues the control byte again, but with the R/W bit set
to a ‘1’. The 24XX64 will then issue an Acknowledge
and transmit the 8-bit data word. The host will not
acknowledge the transfer, but does generate a Stop
condition, which causes the 24XX64 to discontinue
transmission (Figure 8-2). After a random Read
command, the internal Address Pointer will point to
the address location following the one that was just
read.
8.3
Sequential Read
Sequential reads are initiated in the same way as
random reads, except that once the 24XX64 transmits
the first data byte, the host issues an Acknowledge as
opposed to the Stop condition used in a random read.
This Acknowledge directs the 24XX64 to transmit the
next sequentially-addressed 8-bit word (Figure 8-3).
Following the final byte being transmitted to the host,
the host will NOT generate an Acknowledge, but will
generate a Stop condition. To provide sequential reads,
the 24XX64 contains an internal Address Pointer which
is incremented by one at the completion of each
operation. This Address Pointer allows the entire
memory contents to be serially read during one
operation.
The
internal Address
Pointer
will
automatically roll over from address 1FFF to address
0000 if the host acknowledges the byte received from
the array address 1FFF.
FIGURE 8-1:
CURRENT ADDRESS READ
SP
Bus Activity
Host
SDA Line
Bus Activity
S
T
O
P
Control
Byte
Data Byte
A
C
K
N
O
A
C
K
S
T
A
R
T
10 1
1
A
2
A
1
A
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com