Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC64-I/P Datasheet(PDF) 9 Page - Microchip Technology

Part # 24LC64-I/P
Description  64-Kbit I2C Serial EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64-I/P Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24LC64-I/P Datasheet HTML 5Page - Microchip Technology 24LC64-I/P Datasheet HTML 6Page - Microchip Technology 24LC64-I/P Datasheet HTML 7Page - Microchip Technology 24LC64-I/P Datasheet HTML 8Page - Microchip Technology 24LC64-I/P Datasheet HTML 9Page - Microchip Technology 24LC64-I/P Datasheet HTML 10Page - Microchip Technology 24LC64-I/P Datasheet HTML 11Page - Microchip Technology 24LC64-I/P Datasheet HTML 12Page - Microchip Technology 24LC64-I/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
 1997-2022 Microchip Technology Inc. and its subsidiaries
DS20001189U-page 9
24AA64/24FC64/24LC64
5.0
DEVICE ADDRESSING
A control byte is the first byte received following the
Start condition from the host device. The control byte
consists of a 4-bit control code. For the 24XX64, this is
set as ‘1010’ binary for read and write operations. The
next three bits of the control byte are the Chip Select
bits (A2, A1, A0). The Chip Select bits allow the use of
up to eight 24XX64 devices on the same bus and are
used to select which device is accessed. The Chip
Select bits in the control byte must correspond to the
logic levels on the corresponding A2, A1 and A0 pins
for the device to respond. These bits are, in effect, the
three Most Significant bits of the word address. The
combination of the 4-bit control code and the next three
bits are called the client address.
For the SOT-23 and Chip Scale packages, the address
pins are not available. During device addressing, the
A2, A1 and A0 Chip Select bits should be set to ‘0’.
The last bit of the control byte is the Read/Write (R/W)
bit and it defines the operation to be performed. When
set to a ‘1’, a read operation is selected. When set to
a‘0’, a write operation is selected. The next two bytes
received define the address of the first data byte
(Figure 5-2). Because only A12...A0 are used, the
upper three address bits are “don’t care” bits. The
upper address bits are transferred first, followed by the
Less Significant bits.
Following the Start condition, the 24XX64 monitors the
SDA bus, checking the device-type identifier being
transmitted. Upon receiving a valid client address and
the R/W bit, the client device outputs an Acknowledge
signal on the SDA line. Depending on the state of the
R/W bit, the 24XX64 will select a read or write opera-
tion.
FIGURE 5-1:
CONTROL BYTE FORMAT
5.1
Contiguous Addressing Across
Multiple Devices
The Chip Select bits A2, A1 and A0 can be used to
expand the contiguous address space for up to
512 Kbits by adding up to eight 24XX64 devices on the
same bus. In this case, software can use A0 of the
control byte as address bit A13; A1 as address bit A14;
and A2 as address bit A15. It is not possible to
sequentially read across device boundaries.
The SOT-23 and Chip Scale packages do not support
multiple device addressing on the same bus.
FIGURE 5-2:
ADDRESS SEQUENCE BIT ASSIGNMENTS
10
1
0
A2
A1
A0
SACK
R/W
Control Code
Chip Select
Bits
Client Address
Acknowledge Bit
Start Bit
Read/Write Bit
1
010
A
2
A
1
A
0 R/W
xx
x
A
11
A
10
A
9
A
7
A
0
A
8
••
•
•
•
•
A
12
Control Byte
Address High Byte
Address Low Byte
Control
Code
Chip
Select
bits
x = “don’t care” bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com