Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5569BCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5569BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADL5569
Data Sheet
Rev. C | Page 20 of 23
ADL5569
AVDD +3.3V
DRVDD
2kΩ
VCOM
VIP
VCC
PDB
VOP
VON
EPAD
VIN
AVDD +3.3V
15.4kΩ
200Ω
0.35pF
ADC
INTERNAL
INPUT Z
AD9689
AND
AD9208
VCM
ANALOG
INPUT
INPUT
Z = 50Ω
0.1µF
AVDD –2.0V
AVDD
DVDD
180Ω
10Ω
10Ω
650Ω
750Ω
750Ω
33Ω
AVDD 3.3V
5.1nH
100Ω
650Ω
AVDD –2.0V
AVDD –2.0V
AVDD –2.0V
VIN = VIP = 0.0V
VCOM = +1.4V
VOP = VON = +1.4
AVDD +3.3V
AVDD +3.3V
VIN+
VIN–
Figure 52. 1.5 GHz Bandwidth, DC-Coupled ADC Interfacing Example: ADL5569 Driving the AD9689 and AD9208
SOLDERING INFORMATION AND RECOMMENDED
LAND PATTERN
Figure 53 shows the recommended land pattern for the ADL5569.
The ADL5569 is contained in a 2.5 mm × 3 mm LFCSP, which
has an exposed ground pad (EPAD). This pad is internally
connected to the ground of the chip. To minimize thermal
impedance and ensure electrical performance, solder the pad to
the low impedance ground plane on the PCB. To further reduce
thermal impedance, it is recommended that the ground planes
on all layers under the pad be stitched together with vias.
For more information on land pattern design and layout, refer
to the AN-772 Application Note, A Design and Manufacturing
Guide for the Lead Frame Chip Scale Package (LFCSP).
The land pattern on the ADL5569-EVALZ provides a simulated
thermal resistance (θJA) of 90.5°C/W.
Figure 53. Recommended Land Pattern
EVALUATION BOARD
Figure 54 shows the general block diagram of the ADL5569-
EVALZ evaluation board. The schematic of the ADL5569-
EVALZ is shown in Figure 55 and has several options. The
ADL5569-EVALZ is powered by a single 5 V supply. The power
supply is decoupled by 10 µF and 0.1 µF capacitors. On-board
regulators provide a 2.5 V common-mode voltage and 3 V logic
supply voltage to enable and disable the power-down feature.
Several termination options are also provided to allow the user
to terminate unused inputs and outputs of the amplifier for
single-ended applications.
For more evaluation board options on the ADL5569, contact
the Analog Devices sales.
0.1µF
0.1µF
VIN
VCOM
VIP
0.1µF
0.1µF
VS
0.1µF
ADL5569
AMPLIFIER 1
10µF
SMA
SMA
SMA
SMA
0.01µF
Figure 54. General Block Diagram of the ADL5569-EVALZ Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com