Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7575PD Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7575PD
Description  MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575PD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7575PD Datasheet HTML 6Page - STMicroelectronics TDA7575PD Datasheet HTML 7Page - STMicroelectronics TDA7575PD Datasheet HTML 8Page - STMicroelectronics TDA7575PD Datasheet HTML 9Page - STMicroelectronics TDA7575PD Datasheet HTML 10Page - STMicroelectronics TDA7575PD Datasheet HTML 11Page - STMicroelectronics TDA7575PD Datasheet HTML 12Page - STMicroelectronics TDA7575PD Datasheet HTML 13Page - STMicroelectronics TDA7575PD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TDA7575PD
10/17
If R/W = 1, the TDA7575PD sends 2 "Diagnostics Bytes" to
µP: DB1 and DB2.
DB1
DB2
D7
Thermal warming (if Tchip
≥ 150°C, D7 = 1)
D6
Diag. cycle not activated or not terminated (D6 = 0)
Diag. cycle terminated (D6 = 1)
D5
X
D4
Channel 1
Turn-on diagnostic (D4 = 0)
Permanent diagnostic (D4 = 1)
D3
Channel 1
Normal load (D3 = 0)
Short load (D3 = 1)
D2
Channel 1
Turn-on diag.: No open load (D2 = 0)
Open load detection (D2 = 1)
Offset diag.: No output offset (D2 = 0)
Output offset detection (D2 = 1)
D1
Channel 1
No short to Vcc (D1 = 0)
Short to Vcc (D1 = 1)
D0
Channel 1
No short to GND (D1 = 0)
Short to GND (D1 = 1)
D7
Offset detection not activated (D7 = 0)
Offset detection activated (D7 = 1)
D6
X
D5
X
D4
Channel 2
Turn-on diagnostic (D4 = 0)
Permanent diagnostic (D4 = 1)
D3
Channel 2
Normal load (D3 = 0)
Short load (D3 = 1)
D2
Channel 2
Turn-on diag.: No open load (D2 = 0)
Open load detection (D2 = 1)
Permanent diag.: No output offset (D2 = 0)
Output offset detection (D2 = 1)
D1
Channel 2
No short to Vcc (D1 = 0)
Short to Vcc (D1 = 1)
D0
Channel 2
No short to GND (D1 = 0)
Short to GND (D1 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com