Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7575PD Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7575PD
Description  MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575PD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7575PD Datasheet HTML 9Page - STMicroelectronics TDA7575PD Datasheet HTML 10Page - STMicroelectronics TDA7575PD Datasheet HTML 11Page - STMicroelectronics TDA7575PD Datasheet HTML 12Page - STMicroelectronics TDA7575PD Datasheet HTML 13Page - STMicroelectronics TDA7575PD Datasheet HTML 14Page - STMicroelectronics TDA7575PD Datasheet HTML 15Page - STMicroelectronics TDA7575PD Datasheet HTML 16Page - STMicroelectronics TDA7575PD Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
TDA7575PD
14/17
relevant data are stored inside the device and can be read by the microprocessor. When one cycle
has terminated, the next one is activated by an I2C reading. This is to ensure continuous diagnostics
throughout the car-radio operating time.
– To check the status of the device a sampling system is needed. The timing is chosen at microproces-
sor level (over than half a second is recommended).
Fig. G: Restart timing without Diagnostic Enable (Permanent)
Each 1mS time, a sampling of the fault is done
Fig H: Restart timing with Diagnostic Enable (Permanent)
OUTPUT DC OFFSET DETECTION.
Any DC output offset exceeding +/- 2 V are signalled out. This inconvenient might occur as a consequence of
initially defective or aged and worn-out input capacitors feeding a DC component to the inputs, so putting the
speakers at risk of overheating.
This diagnostic has to be performed with low-level output AC signal (or Vin = 0).
The test is run with selectable time duration by microprocessor (from a "start" to a "stop" command):
– START = Last reading operation or setting IB1 - D5 - (OFFSET enable) to 1
– STOP = Actual reading operation
Excess offset is signalled out if persistent throughout the assigned testing time. This feature is disabled if any
overloads leading to activation of the short-circuit protection occurs in the process.
circuit protection intervention
t
1-2mS
1mS
1mS
1mS
1mS
Overcurrent and short
(i.e. short circuit to GND)
Short circuit removed
Out
circuit protection intervention
t
Overcurrent and short
(i.e. short circuit to GND)
Short circuit removed
1mS
100mS
1mS
1mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com