Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7575PD Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7575PD
Description  MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575PD Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7575PD Datasheet HTML 1Page - STMicroelectronics TDA7575PD Datasheet HTML 2Page - STMicroelectronics TDA7575PD Datasheet HTML 3Page - STMicroelectronics TDA7575PD Datasheet HTML 4Page - STMicroelectronics TDA7575PD Datasheet HTML 5Page - STMicroelectronics TDA7575PD Datasheet HTML 6Page - STMicroelectronics TDA7575PD Datasheet HTML 7Page - STMicroelectronics TDA7575PD Datasheet HTML 8Page - STMicroelectronics TDA7575PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
TDA7575PD
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
POWER AMPLIFIER
VS
Supply Voltage Range
8
18
V
Id
Total Quiescent Drain Current
50
130
200
mA
Po
Output Power
EIAJ (VS = 13.7V)
35
40
W
THD = 10%
THD = 1%; BTL MODE
25
28
22
W
W
RL = 2
Ω; EIAJ (VS = 13.7V)
RL = 2
Ω; THD 10%
RL = 2
Ω; THD 1%
RL = 2
Ω; MAX POWER
60
45
70
65
50
37
75
W
W
W
W
Single channel configuration
(1
Ω pin >2.5V); RL = 1Ω;
EIAJ (VS = 13.7V)
THD 3%
MAX POWER
125
80
140
130
84
150
W
W
W
THD
Total Harmonic Distortion
PO = 1-12W; STD MODE
HE MODE; PO = 1-2W
HE MODE; PO = 4-8W
0.03
0.03
0.5
0.1
0.1
%
%
%
PO = 1-12W, f = 10kHz
0.15
0.5
%
RL = 2; HE MODE; Po = 3W
0.03
0.5
%
Single channel configuration
(1
Ω pin >2.5V); RL = 1; PO = 4-30W
0.02
0.1
%
CT
Cross Talk
Rg = 600
Ω; PO = 1W
60
75
dB
RIN
Input Impedance
60
100
130
K
Ω
GV1
Voltage Gain 1 (default)
25
26
27
dB
∆GV1
Voltage Gain Match 1
-1
0
1
dB
GV2
Voltage Gain 2
11
12
13
dB
∆GV2
Voltage Gain Match 2
-1
0
1
dB
EIN1
Output Noise Voltage Gain 1
Rg = 600
Ω; Gv = 26dB
filter 20 to 22kHz
40
60
µV
EIN2
Output Noise Voltage Gain 2
Rg = 600
Ω; Gv = 12dB
filter 20 to 22kHz
15
25
µV
SVR
Supply Voltage Rejection
f = 100Hz to 10kHz; Vr = 1Vpk;
Rg = 600
Ω
50
60
dB
BW
Power Bandwidth
(-3dB)
100
KHz
ASB
Stand-by Attenuation
90
100
dB
ISB
Stand-by Current Consumption
2
20
µA
AM
Mute Attenuation
80
90
dB
VOS
Offset Voltage
Mute & Play
-45
0
45
mV
VAM
Min. Supply Mute Threshold
7
7.5
8
V
CMRR
Input CMRR
VCM = 1Vpk-pk; Rg = 0
Ω
50
60
dB
ELECTRICAL CHARACTERISTCS: (VS=14.4V; f=1KHz; RL=4
Ω; Tamb= 25°C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com