Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT1051 Datasheet(PDF) 8 Page - Micon Design Technology Corporation

Part # MDT1051
Description  8-bit micro-controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT1051 Datasheet(HTML) 8 Page - Micon Design Technology Corporation

Back Button MDT1051 Datasheet HTML 4Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 5Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 6Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 7Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 8Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 9Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 10Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 11Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 12Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MDT1051
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P.8
2005/6
Ver. 1.9
7. Reset Condition for all Registers
Register
Address
Power-On Reset,
Power range detector
Reset
/MCLR or WDT Reset
Wake -up from SLEEP
IAR
00h
-
-
-
RTCC
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PC
0Ah,02h
00 0000 0000
00 0000 0000
PC+1
STATUS
03h
0001 1xxx
000# #uuu
000# #uuu
MSR
04h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORT A
05h
- - -1 xxxx
- - -1 uuuu
- - -u uuuu
PORT B
06h
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADS0
08h
00-0 0000
00-0 0000
uu-u uuuu
ADRES
09h
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTS
0Bh
0000 0001
0000 000u
uuuu uuuu
TMR
81h
1111 1111
1111 1111
uuuu uuuu
CPIOA
85h
- - -1 1111
- - -1 1111
- - -u uuuu
CPIOB
86h
1111 1111
1111 1111
uuuu uuuu
PSTA
87h
- - - - - -qq
- - - - - -uu
- - - - --uu
ADS1
88h
- - - - - -00
- - - - - -00
- - - - --uu
Note : u
=unchanged, x=unknown, - =unimplemented, read as “0”
#
=value depends on the condition of the following table
Condition
Status: bit 4
Status: bit 3
Status: bit 1
Status: bit 0
/MCLR reset (not during SLEEP)
u
u
1
1
/MCLR reset during SLEEP
1
0
1
1
WDT reset (not during SLEEP)
0
1
1
1
WDT reset during SLEEP
0
0
1
1
Power on reset
1
1
0
X
Power range-detector Reset
1
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com