Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT1051 Datasheet(PDF) 1 Page - Micon Design Technology Corporation

Part # MDT1051
Description  8-bit micro-controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT1051 Datasheet(HTML) 1 Page - Micon Design Technology Corporation

  MDT1051 Datasheet HTML 1Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 2Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 3Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 4Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 5Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 6Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 7Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 8Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MDT1051
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P.1
2005/6
Ver. 1.9
1. General Description
This ROM-Based 8-bit micro-controller uses a fully
static CMOS technology process to achieve higher
speed
and
smaller
size
with
the
low
power
consump-tion and high noise immunity. On chip
memory incl-udes 1K words of ROM, and 68 bytes of
static RAM.
2. Features
The followings are some of the features on the
hardware and software :
u
Fully CMOS static design
u
8-bit data bus
u
On chip ROM size : 1.0 K words
u
Internal RAM size : 84 bytes
(68 general purpose registers, 16 special
registers)
u
37 single word instructions
u
14-bit instructions
u
8-level stacks
u
Operating voltage : 2.5 V ~ 5.5 V (PRD Disable)
4.5 V ~ 5.5 V (PRD Enable)
u
Operating frequency : DC ~ 20 MHz
u
The most fast execution time is 200 ns under
20 MHz in all single cycle instructions except
the branch instruction
u
Addressing modes include direct, indirect and
relative addressing modes
u
Power-on Reset
u
Power edge-detector Reset
u
Power range-detector Reset
u
Sleep Mode for power saving
u
Four interrupt sources:
-External INT pin
-TMR0 timer
-A/D conversion completion
-PortB<7:4> interrupt on change
u
A/D converter module:
-Four analog inputs multiplexed into one A/D
converter
-8-bit resolution
u
4 types of oscillator can be selected by
programming option:
RC
-Low cost RC oscillator
LFXT
-Low frequency crystal oscillator
XTAL
-Standard crystal oscillator
HFXT
-High frequency crystal oscillator
u
8-bit real time clock/counter(RTCC) with 8-bit
programmable prescaler
u
On-chip RC oscillator based Watchdog
Timer(WDT)
u
13 I/O pins with their own independent
direction control
3. Applications
The application areas of this MDT1051 range from
appliance motor control and high speed automotive
to low power remote transmitters/receivers, pointing
devices, and telecommunications processors, such
as Remote controller, small instruments, chargers,
toy, automobile and PC peripheral … etc.


Similar Part No. - MDT1051

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT1005 MDTIC-MDT1005 Datasheet
179Kb / 19P
8-bit micro-controller
MDT1010 MDTIC-MDT1010 Datasheet
178Kb / 19P
8-bit micro-controller
logo
Midas Components
MDT1010GIH-HDMI MIDASDISPLAYS-MDT1010GIH-HDMI Datasheet
996Kb / 2P
Interconnect Board
Version: 1 02/03/2022
MDT1010GIHC-HDMI MIDASDISPLAYS-MDT1010GIHC-HDMI Datasheet
996Kb / 2P
Interconnect Board
Version: 1 02/03/2022
MDT1010GIHR-HDMI MIDASDISPLAYS-MDT1010GIHR-HDMI Datasheet
996Kb / 2P
Interconnect Board
Version: 1 02/03/2022
More results

Similar Description - MDT1051

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com