Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT1051 Datasheet(PDF) 9 Page - Micon Design Technology Corporation

Part # MDT1051
Description  8-bit micro-controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT1051 Datasheet(HTML) 9 Page - Micon Design Technology Corporation

Back Button MDT1051 Datasheet HTML 5Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 6Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 7Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 8Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 9Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 10Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 11Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 12Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 13Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MDT1051
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P.9
2005/6
Ver. 1.9
8. Instruction Set :
Instruction Code
Mnemonic
Operands
Function
Operating
Status
010000 00000000
NOP
No operation
None
010000 00000001
CLRWT
Clear Watchdog timer
0
→WT
TF, PF
010000 00000010
SLEEP
Sleep mode
0
→WT, stop OSC
TF, PF
010000 00000011
TMODE
Load W to TMODE register
W
→TMODE
None
010000 00000100
RET
Return from subroutine
Stack
→PC
None
010000 00000rrr
CPIO
R
Control I/O port register
W
→CPIO r
None
010001 1rrrrrrr
STWR
R
Store W to register
W
→R
None
011000 trrrrrrr
LDR R, t
Load register
R
→t
Z
111010 iiiiiiii
LDWI
I
Load immediate to W
I
→W
None
010111 trrrrrrr
SWAPR R, t
Swap halves register
[R(0~3)
↔R(4~7)]
→t
None
011001 trrrrrrr
INCR R, t
Increment register
R + 1
→t
Z
011010 trrrrrrr
INCRSZ R, t
Increment register, skip if zero
R + 1
→t
None
011011 trrrrrrr
ADDWR R, t
Add W and register
W + R
→t
C, HC, Z
011100 trrrrrrr
SUBWR R, t
Subtract W from register
R
﹣W→t or
(R+/W+1
→t)
C, HC, Z
011101 trrrrrrr
DECR R, t
Decrement register
R
﹣1→t
Z
011110 trrrrrrr
DECRSZ R, t
Decrement register, skip if zero
R
﹣1→t
None
010010 trrrrrrr
ANDWR R, t
AND W and register
R
∩ W→t
Z
110100 iiiiiiii
ANDWI
i
AND W and immediate
i
∩ W→W
Z
010011 trrrrrrr
IORWR R, t
Inclu. OR W and register
R
∪ W→t
Z
110101 iiiiiiii
IORWI
i
Inclu. OR W and immediate
i
∪ W→W
Z
010100 trrrrrrr
XORWR R, t
Exclu. OR W and register
R
♁ W→t
Z
110110 iiiiiiii
XORWI i
Exclu. OR W and immediate
i
♁ W→W
Z
011111 trrrrrrr
COMR R, t
Complement register
/R
→t
Z
010110 trrrrrrr
RRR
R, t
Rotate right register
R(n)
→R(n-1),
C
→R(7), R(0)→C
C
010101 trrrrrrr
RLR
R, t
Rotate left register
R(n)
→r(n+1),
C
→R(0), R(7)→C
C
010000 1xxxxxxx
CLRW
Clear working register
0
→W
Z
010001 0rrrrrrr
CLRR
R
Clear register
0
→R
Z
0000bb brrrrrrr
BCR
R, b
Bit clear
0
→R(b)
None
0010bb brrrrrrr
BSR
R, b
Bit set
1
→R(b)
None
0001bb brrrrrrr
BTSC R, b
Bit Test, skip if clear
Skip if R(b)=0
None
0011bb brrrrrrr
BTSS R, b
Bit Test, skip if set
Skip if R(b)=1
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com