Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC33153 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC33153
Description  4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33153 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC33153 Datasheet HTML 15Page - Microchip Technology MIC33153 Datasheet HTML 16Page - Microchip Technology MIC33153 Datasheet HTML 17Page - Microchip Technology MIC33153 Datasheet HTML 18Page - Microchip Technology MIC33153 Datasheet HTML 19Page - Microchip Technology MIC33153 Datasheet HTML 20Page - Microchip Technology MIC33153 Datasheet HTML 21Page - Microchip Technology MIC33153 Datasheet HTML 22Page - Microchip Technology MIC33153 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006223B-page 19
MIC33153
14-Lead TDFN 3.0 mm x 3.5 mm Recommended Land Pattern
B
A
0.05 C
0.05 C
0.08
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
2X
TOP VIEW
VIEW A-A
BOTTOM VIEW
0.10 C
0.08 C
Microchip Technology Drawing C04-1062 Rev A Sheet 1 of 2
2X
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
14-Lead Thin Plastic Dual Flat, No Lead Package (HAA) - 3.5x3 mm Body [TDFN]
With 1.33x1.80 Exposed Pad and Fused Terminals
© 2018 Microchip Technology Inc.
D
E
e
14X b
L
(L1)
(E4)
(E3)
E2
D2
(D3)
K1
K
12
N
1
2
N
A1
(A3)
A
AA
NOTE 1
14X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com