Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC33153 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC33153
Description  4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33153 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC33153 Datasheet HTML 6Page - Microchip Technology MIC33153 Datasheet HTML 7Page - Microchip Technology MIC33153 Datasheet HTML 8Page - Microchip Technology MIC33153 Datasheet HTML 9Page - Microchip Technology MIC33153 Datasheet HTML 10Page - Microchip Technology MIC33153 Datasheet HTML 11Page - Microchip Technology MIC33153 Datasheet HTML 12Page - Microchip Technology MIC33153 Datasheet HTML 13Page - Microchip Technology MIC33153 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MIC33153
DS20006223B-page 10
2019 - 2022 Microchip Technology Inc.
FIGURE 2-25:
Switching Waveform
Continuous Mode (Load = 1.2A).
FIGURE 2-26:
Load Transient (10 mA to
200 mA).
FIGURE 2-27:
Load Transient (10 mA to
500 mA).
FIGURE 2-28:
Load Transient (10 mA to
1.2A).
FIGURE 2-29:
Load Transient (300 mA to
1.2A).
FIGURE 2-30:
Load Transient (10 mA to
1.2A) with PGOOD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com