Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC33153 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC33153
Description  4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33153 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC33153 Datasheet HTML 10Page - Microchip Technology MIC33153 Datasheet HTML 11Page - Microchip Technology MIC33153 Datasheet HTML 12Page - Microchip Technology MIC33153 Datasheet HTML 13Page - Microchip Technology MIC33153 Datasheet HTML 14Page - Microchip Technology MIC33153 Datasheet HTML 15Page - Microchip Technology MIC33153 Datasheet HTML 16Page - Microchip Technology MIC33153 Datasheet HTML 17Page - Microchip Technology MIC33153 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MIC33153
DS20006223B-page 14
2019 - 2022 Microchip Technology Inc.
5.0
APPLICATIONS INFORMATION
The MIC33153 is a high performance DC-to-DC step
down regulator offering a small solution size. With the
HyperLight Load® switching scheme, the MIC33153 is
able to maintain high efficiency throughout the entire
load range while providing ultra-fast load transient
response. The following sections provide additional
device application information.
5.1
Input Capacitor
A 2.2µF ceramic capacitor or greater should be placed
close to the VIN pin and PGND pin for bypassing. A
Murata GRM188R60J475ME84D, size 0603, 4.7 µF
ceramic capacitor is recommended based upon
performance, size, and cost. A X5R or X7R
temperature rating is recommended for the input
capacitor. Y5V temperature rating capacitors, aside
from losing most of their capacitance over temperature,
can also become resistive at high frequencies. This
reduces their ability to filter out high frequency noise.
5.2
Output Capacitor
The MIC33153 is designed for use with a 2.2 µF or
greater ceramic output capacitor. Increasing the output
capacitance will lower output ripple and improve load
transient response but could also increase solution size
or cost. A low equivalent series resistance (ESR)
ceramic output capacitor such as the Murata
GRM188R60J475ME84D, size 0603, 4.7 µF ceramic
capacitor is recommended based upon performance,
size, and cost. Both the X7R or X5R temperature rating
capacitors are recommended. The Y5V and Z5U
temperature rating capacitors are not recommended
due to their wide variation in capacitance over
temperature and increased resistance at high
frequencies.
5.3
Compensation
The MIC33153 is designed to be stable with a 4.7 µF
ceramic (X5R) output capacitor.
5.4
Duty Cycle
The typical maximum duty cycle of the MIC33153 is
80%.
5.5
Efficiency Considerations
Efficiency is defined as the amount of useful output
power, divided by the amount of power supplied.
EQUATION 5-1:
Maintaining high efficiency serves two purposes. It
reduces power dissipation in the power supply,
reducing the need for heat sinks and thermal design
considerations and it reduces consumption of current
for battery powered applications. Reduced current
draw from a battery increases the devices operating
time which is critical in hand held devices.
There are two types of losses in switching converters:
DC losses and switching losses. DC losses are simply
the power dissipation of I2R. Power is dissipated in the
high-side switch during the on cycle. Power loss is
equal to the high-side MOSFET RDS(ON) multiplied by
the switch current squared. During the off cycle, the
low-side
N-channel
MOSFET
conducts,
also
dissipating power. Device operating current also
reduces efficiency. The product of the quiescent
(operating) current and the supply voltage represents
another DC loss. The current required driving the gates
on and off at a constant 4 MHz frequency and the
switching transitions make up the switching losses.
FIGURE 5-1:
Efficiency under Load.
Figure 5-1 shows an efficiency curve. From no load to
100 mA, efficiency losses are dominated by quiescent
current losses, gate drive and transition losses. By
using the HyperLight Load® mode, the MIC33153 is
able to maintain high efficiency at low output currents.
Over 100 mA, efficiency loss is dominated by MOSFET
RDS(ON) and inductor losses. Higher input supply
voltages will increase the gate to source threshold on
the internal MOSFETs, thereby reducing the internal
RDS(ON). This improves efficiency by reducing DC
losses in the device. All but the inductor losses are
inherent to the device. In which case, inductor selection
becomes increasingly critical in efficiency calculations.
As the inductors are reduced in size, the DC resistance
(DCR) can become quite significant.
VOUT IOUT
VIN IIN
--------------------------------
 100
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com