Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISOW7744FDFMR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISOW7744FDFMR
Description  ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOW7744FDFMR Datasheet(HTML) 3 Page - Texas Instruments

  ISOW7744FDFMR Datasheet HTML 1Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 2Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 3Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 4Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 5Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 6Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 7Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 8Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
5 Description (continued)
The high-efficiency of the power converter allows for operation at a wide operating ambient temperature range
of –40°C to +125°C. This device provides improved emissions performance, allowing for simplified board design
and has provisions for ferrite beads to further attenuate emissions. The ISOW774x has been designed with
enhanced protection features in mind, including soft-start to limit inrush current, over-voltage and under-voltage
lock out, fault detection on the EN/FLT pin, overload and short-circuit protection, and thermal shutdown.
The ISOW77xx family of devices provide high electromagnetic immunity while isolating CMOS or LVCMOS
digital I/Os. The signal-isolation channel has a logic input and output buffer separated by a double capacitive
silicon dioxide (SiO2) insulation barrier, whereas, power isolation uses on-chip transformers separated by thin
film polymer as insulating material. There are five orderable configurations of four channel ISOW77xx flavor
using the last part number digit to note the number of reverse channels. For example, the ISOW7740 has 4
forward channels and 0 reverse channels, while the ISOW7743 would have 1 forward channel and 3 reverse
channels. If the input signal is lost, the default output is high for the ISOW77xx devices without the F suffix and
low for the ISOW77xx devices with the F suffix. The ISOW774x can operate from a single supply voltage of 3 V
to 5.5 V by connecting VIO and VDD together on PCB. If lower logic levels are required, these devices support
1.71 V to 5.5 V logic supply (VIO) that can be independent from the power converter supply (VDD) of 3 V to 5.5 V.
VISOIN and VISOOUT needs to be connected on board with either a ferrite bead or fed through a LDO.
These devices help prevent noise currents on data buses, such as UART, SPI, RS-485, RS-232, and CAN,
or other circuits from entering the local ground and interfering with or damaging sensitive circuitry. Through
innovative chip design and layout techniques, electromagnetic compatibility of the device has been significantly
enhanced to ease system-level ESD, EFT, surge and emissions compliance. The device is available in a 20-pin
SOIC wide-body (SOIC-WB) DFM package.
www.ti.com
ISOW7740, ISOW7741, ISOW7742, ISOW7743, ISOW7744
SLLSFK1C – SEPTEMBER 2021 – REVISED APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISOW7740 ISOW7741 ISOW7742 ISOW7743 ISOW7744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com