Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISOW7744FDFMR Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # ISOW7744FDFMR
Description  ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOW7744FDFMR Datasheet(HTML) 53 Page - Texas Instruments

Back Button ISOW7744FDFMR Datasheet HTML 49Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 50Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 51Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 52Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 53Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 54Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 55Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 56Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
12.2 Layout Example
OUTB
OUTC
INB
OUTA
Ground plane on side 1
GNDIO
VDD
INA
Input supply 1
INC
GND2
GND1
16
15
14
12
11
1
2
3
4
5
6
7
8
13
EN_IO2
VSEL
EN_IO1
10
9
17
18
19
20
C
Ground plane on
side 1
C
Ground
plane on
side 2
C
C
10 nF
1 F
10 nF
1 F
C
10 F
C
10 F
FB
1
FB
2
IND
VISOOUT
GISOIN
OUTD
EN/FLT
Ground plane on
side 2
C
C
10 F
1 F
C
10 nF
VISOIN
<1mm
2-4mm
Keep-out zone for any metal
<1mm
2-4mm
Ground plane
on side 1
Input supply 2
FB
3
FB
4
<2mm
<2mm
C
C
C
10 nF
1 F
10 F
VIO
FB
5
Figure 12-1. Layout Example
www.ti.com
ISOW7740, ISOW7741, ISOW7742, ISOW7743, ISOW7744
SLLSFK1C – SEPTEMBER 2021 – REVISED APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: ISOW7740 ISOW7741 ISOW7742 ISOW7743 ISOW7744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com