Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISOW7744FDFMR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISOW7744FDFMR
Description  ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOW7744FDFMR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISOW7744FDFMR Datasheet HTML 17Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 18Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 19Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 20Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 21Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 22Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 23Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 24Page - Texas Instruments ISOW7744FDFMR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
7.15 Electrical Characteristics Channel Isolator - VIO, VISOIN = 2.5-V
VIO, VISOIN = 2.5 V ±10% GND1 = GNDIO, GND2 = GISOIN (over recommended operating conditions, unless otherwise
specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Channel Isolation
VITH
Input pin rising threshold
0.7 x VSI
V
VITL
Input pin falling threshold
0.3 x VSI
V
VI(HYS)
Input pin threshold hysteresis
(INx)
0.1 x VSI
V
IIL
Low level input current
VIL = 0 at INx
-25
µA
IIH
High level input current
VIH = VSI (1) at INx
25
µA
VOH
High level output voltage
IO = –1 mA, see Switching Characteristics
Test Circuit and Voltage Waveforms
VSO (1) –
0.1
V
VOL
Low level output voltage
IO = 1 mA, see Switching Characteristics Test
Circuit and Voltage Waveforms
0.1
V
CMTI
Common mode transient
immunity
VI = VSI or 0 V, VCM = 1000 V; see Common-
Mode Transient Immunity Test Circuit
85
100
kV/us
(1)
VSI = input side supply; VSO = output side supply
7.16 Supply Current Characteristics Channel Isolator - VIO, VISOIN = 2.5-V
VIO, VISOIN = 2.5 V ±10% GND1 = GNDIO, GND2 = GISOIN (over recommended operating conditions, unless otherwise
specified)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISOW7740 Channel Supply Current
Supply current - Disable
EN_IO1 = EN_IO2 = 0 V; VI = VCCI (1) (ISOW7740);
VI = 0 V (ISOW7740 with F suffix)
IDD_IO
2.4
3.8
mA
IISOIN
4.5
6.9
mA
EN_IO1 = EN_IO2 = 0 V; VI = 0 V (ISOW7740);
VI = VCCI (ISOW7740 with F suffix)
IDD_IO
2.4
3.8
mA
IISOIN
4.5
6.9
mA
Channel Supply current -
DC signal
EN_IO1 = EN_IO2 = VCCI; VI = VCCI (ISOW7740);
VI = 0 V (ISOW7740 with F suffix)
IDD_IO
2.4
3.8
mA
IISOIN
4.5
6.9
mA
EN_IO1 = EN_IO2 = VCCI; VI = 0 V (ISOW7740);
VI = VCCI (ISOW7740 with F suffix)
IDD_IO
6.8
9
mA
IISOIN
4.7
7.2
mA
Channel Supply current -
AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
IDD_IO
4.6
6.4
mA
IISOIN
4.7
7
mA
10 Mbps
IDD_IO
4.7
6.4
mA
IISOIN
5.7
8.1
mA
100 Mbps
IDD_IO
5.3
7.2
mA
IISOIN
18
24
mA
ISOW7741 Channel Supply Current
Supply current - Disable
EN_IO1 = EN_IO2 = 0 V; VI = VCCI (1) (ISOW7741);
VI = 0 V (ISOW7741 with F suffix)
IDD_IO
2.7
4.3
mA
IISOIN
4.2
6.3
mA
EN_IO1 = EN_IO2 = 0 V; VI = 0 V (ISOW7741);
VI = VCCI (ISOW7741 with F suffix)
IDD_IO
2.7
4.3
mA
IISOIN
4.2
6.3
mA
Channel Supply current -
DC signal
EN_IO1 = EN_IO2 = VCCI; VI = VCCI (ISOW7741);
VI = 0 V (ISOW7741 with F suffix)
IDD_IO
2.7
4.3
mA
IISOIN
4.2
6.3
mA
EN_IO1 = EN_IO2 = VCCI; VI = 0 V (ISOW7741);
VI = VCCI (ISOW7741 with F suffix)
IDD_IO
6.1
8.3
mA
IISOIN
5.4
7.9
mA
www.ti.com
ISOW7740, ISOW7741, ISOW7742, ISOW7743, ISOW7744
SLLSFK1C – SEPTEMBER 2021 – REVISED APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISOW7740 ISOW7741 ISOW7742 ISOW7743 ISOW7744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com