Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR735FZ2H7 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STR735FZ2H7
Description  ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR735FZ2H7 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STR735FZ2H7 Datasheet HTML 22Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 23Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 24Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 25Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 26Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 27Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 28Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 29Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Electrical characteristics
STR73xF
26/40
VOL
Output Low Level
standard
144-pin: P0(15:0),
P1(15:0), P2(15:0),
P3(15:0), P4(15:0),
P5(15:0), P6(15:1)
100-pin: P0(15:0),
P1(15:0), P2(15:0),
P3(15), P3(13:0), P4(7:0)
Push Pull, IOL = 2mA
-
-
0.4
V
Output low level standard
144-pin: P6(0)
100-pin: P3(14)
Push Pull, IOL = 8mA
-
-
0.4
V
Output low level (JTAG)
JTDO
Push Pull, IOL = 4mA
-
-
0.4
V
ttr
Output transition time
standard
(10%-90% and 90%-10%)
144-pin: P0(15:0),
P1(15:0), P2(15:0),
P3(15:0), P4(15:0),
P5(15:0), P6(15:1)
100-pin: P0(15:0),
P1(15:0), P2(15:0),
P3(15), P3(13:0), P4(7:0)
CL = 20pF
CL = 50pF
3
6
5
10
10
20
ns
Output transition time
standard
(10%-90% and 90%-10%)
144-pin: P6(0)
100-pin: P3(14)
CL = 50pF
CL = 100pF
1
3
3
5
7
10
ns
Output transition time
(10%-90% and 90%-10%)
JTDO
CL = 20pF
CL = 50pF
2
3
3
6
7
12
ns
RWPU
Weak Pull-Up Resistor
80
120
200
k
Ω
RWPD
Weak Pull-Down Resistor
80
120
200
k
Ω
Table 9. DC electrical characteristics
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com