Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR735FZ2H7 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STR735FZ2H7
Description  ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR735FZ2H7 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STR735FZ2H7 Datasheet HTML 28Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 29Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 30Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 31Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 32Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 33Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 34Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 35Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Electrical characteristics
STR73xF
32/40
3.10
Flash electrical characteristics
VDD = 5V ± 10%, TA = -40 / +105°C, unless otherwise specified.
1.
0k cycle data applies to new parts, not yet cycled by the customer but after approx. 100 test cycles during
manufacture.
Table 14.
Flash electrical characteristics
Symbol
Parameter
Conditions
Value
Unit
Typ
Max
TA = 25 °C
TA = 105 °C
0k1 cycles 0k1 cycles 10k cycles
tWP
Word Program (32-bit)
35
80
120
µs
tDWP
Double Word Program (64-
bit)
60
150
190
µs
tBP64
Bank 0 Program (64K)
(Double Word Program)
0.5
1.25
1.5
s
tBP128
Bank 0 Program (128K)
(Double Word Program)
12.5
3.1
s
tBP256
Bank 0 Program (256K)
(Double Word Program)
24.9
6.2
s
tSE8
Sector Erase (8K)
Not preprogrammed
0.6
0.9
1.3
s
Preprogrammed (all bits
programmed to 0)
0.5
0.8
1.1
tSE32
Sector Erase (32K)
not preprogrammed
1.1
2.0
3.0
s
Preprogrammed (all bits
programmed to 0)
0.8
1.8
2.3
tSE64
Sector Erase (64K)
Not preprogrammed
1.7
3.7
5.3
s
Preprogrammed (all bits
programmed to 0)
1.3
3.3
3.8
tRPD
Recovery from Power-
Down
20
20
µs
tPSL
Program Suspend Latency
10
10
µs
tESL
Erase Suspend Latency
30
30
µs
tESRR
Erase Suspend Request
Rate
Min delay between 2
requests
20
20
20
ms
tSP
Set Protection
40
170
170
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com