Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR735FZ2H7 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STR735FZ2H7
Description  ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR735FZ2H7 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STR735FZ2H7 Datasheet HTML 23Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 24Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 25Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 26Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 27Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 28Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 29Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 30Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
STR73xF
Electrical characteristics
27/40
1.
This specification is not valid for outputs which are switched to open drain mode. In this case, the respective output will
float and the voltage is imposed by external circuitry.
3.6
RSTIN input filter characteristics
VDD = 5V ± 10%, TA = -40 / +105°C, unless otherwise specified.
Ilkg
Input Leakage Current
Standard
M0, M1, JTDI, JTCK,
JTRST, JTMS, RSTIN
144-pin: P0(15:0),
P1(15:0), P2(15:0),
P4(15:0), P5(15:0),
P6(15:0)
100-pin: P0(15:0),
P1(15:0), P2(15:14),
P2(1:0), P3(15:0), P4(7:0)
--
1
µA
Input Leakage Current
Analog Input
--
1
µA
Table 9. DC electrical characteristics
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
Table 10.
RSTIN input filter characteristics
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
tFRST
RSTIN Input Filtered Pulse
-
-
50
ns
tNFRST
RSTIN Input Not Filtered
Pulse
2000
-
ns
tSTART
RSTIN removal after
Power-up
100
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com