Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD6000 Datasheet(PDF) 19 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 15Page - Analog Devices ADPD6000 Datasheet HTML 16Page - Analog Devices ADPD6000 Datasheet HTML 17Page - Analog Devices ADPD6000 Datasheet HTML 18Page - Analog Devices ADPD6000 Datasheet HTML 19Page - Analog Devices ADPD6000 Datasheet HTML 20Page - Analog Devices ADPD6000 Datasheet HTML 21Page - Analog Devices ADPD6000 Datasheet HTML 22Page - Analog Devices ADPD6000 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
Data Sheet
ADPD6000
THEORY OF OPERATION
analog.com
Rev. 0 | 19 of 89
ECG Main Signal Chain
Figure 29 shows the ECG main signal chain diagram.
Figure 29. ECG Main Signal Chain Diagram
DCLO Detection
The DCLO circuit injects a small programmable dc current into each
input electrode and monitors the resulting electrode voltage. Figure
30 shows the DCLO detection diagram.
Figure 30. DCLO Detection Diagram
When both ECGIP and ECGIN, are properly connected, the current
flow from one of the ECG inputs through the patient and into
the other ECG input produces a minimal voltage shift. The fail
current magnitude is common across all the ECG electrodes and
programmable with a step size of 2 nA over a ±16 nA range using
the ECG_DCLO_MAG bit field to change the magnitude.
The polarity of the fail current is independent for each elec-
trode and programmed using ECG_DCLO_POLARITY_IN and
ECG_DCLO_POLARITY_IP. When an electrode connection de-
grades or falls off, the pin voltage of that electrode is pulled high or
low depending on the programmed fail current polarity.
The DCLO detection circuit is based on each individual electrode
input (ECGIP and ECGIN). The detection circuit is comparator
based with independent programmable threshold levels for ECG
inputs.
For each input lead (ECGIP and ECGIN), there is only one compa-
rator with a high-side threshold. For the RLD pin, there are two
comparators with a high-side threshold and low-side threshold.
These threshold limits are chosen such that all the threshold
voltages cover the expected signal range. The window compara-
tor compares the electrode input voltage with the corresponding
threshold voltages. Where the voltage change on a particular
electrode exceeds one of the programmed threshold voltages for
that fail current, the dc resistance of the electrode contact can be
determined to flag a lead off.
ACLO Detection
The ECG path has an ACLO detection circuit that can be used for
lead off detection with the DCLO detection circuit to deal with differ-
ent types of lead. Figure 31 shows the ACLO detection diagram.
Figure 31. ACLO Detection Diagram
The ACLO method of sensing if the electrodes are connected to the
patient is based on injecting ac currents into each ECG electrode
and measuring the amplitudes of the resulting voltages through the
ECG channel. The ECG channel must be enabled to use the ACLO
function.
The magnitude of the ACLO current is programmable through the
ECG_ACLO_MAG bit field. The ac current is driven out onto the
ECG input paths and establishes a voltage between the ECG
channel inputs where it is measured. The measured voltage is
synchronously demodulated and sent through a comparator. The
user can set the threshold though the ECG_ACLO_THRESHOLD
bit field.
ACLO detection functions only on the ECG input pins (ECGIP and
ECGIN) and is not supported for the RLD pin. A properly connected
electrode has a small signal because the drive current flows into the
right leg (RL). An improperly connected or dried out electrode has a
larger signal as determined by a capacitive voltage divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com