Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD6000 Datasheet(PDF) 21 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 17Page - Analog Devices ADPD6000 Datasheet HTML 18Page - Analog Devices ADPD6000 Datasheet HTML 19Page - Analog Devices ADPD6000 Datasheet HTML 20Page - Analog Devices ADPD6000 Datasheet HTML 21Page - Analog Devices ADPD6000 Datasheet HTML 22Page - Analog Devices ADPD6000 Datasheet HTML 23Page - Analog Devices ADPD6000 Datasheet HTML 24Page - Analog Devices ADPD6000 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
Data Sheet
ADPD6000
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 89
VOUT=0.8×BIOZ_SINEAMPLITUDE_x
211
Vp‐p (2)
Frequency= 32M×BIOZ_SINEFCW_x_x
226
Hz (3)
BIOZ_DAC_GAIN_x and BIOZ_DAC_OFFSET_x are used to give
more flexible control of the generated sine wave for different appli-
cations.
The TIA gain can be accessed through BIOZ_TIA_RGAIN_x.
After digitizing the measurement, the ADC output is sent to the
datapath of the BIA channel, which includes filters, gain controls,
and the DFT path (see the Datapath section for more information).
The DFT result is I data and Q data of the received sine wave, and
the data format is 18 bits.
When the chain turns on, the DFT path can wait before
performing the DFT. The waiting time is controlled by BI-
OZ_ADC_CONV_DLY_x.
For accurate measurement, the chip must perform ratio measure-
ment. That is, the chip needs to measure the known external
resistor at the RCALP and RCALN pins, and then measure the
unknown resistor. Use the ratio method to calculate the resistor
under test.
FIFO
The FIFO is never written with partial packets of data. If there is not
enough room for the data that is written to the FIFO for all enabled
time slots and any selected status bytes, no data is written from
any of the time slots during that period and the INT_FIFO_OFLOW
status bit is set.
The order of samples written to the FIFO (if selected) is dark
followed by lit data. Table 11 shows the byte order for multibyte
words.
Table 11. Byte Order for FIFO Writes
Size
Byte Order (After Shift)
8
[7:0]
16
[15:8], [7:0]
24
[23:16], [15:8], [7:0]
32
[31:24], [23:16], [15:8], [7:0]
The FIFO size is 640 bytes. When the FIFO is empty, a read
operation returns 0xFF and the INT_FIFO_UFLOW status bit is set.
ECG Data Format
The data in the ECG is channel is 24-bit unsigned data with a
status byte as a header. Figure 33 shows the data in the ECG
channel.
Figure 33. ECG Data Format
If ENA_STAT_ECG is set to 1, the ECG output data is a 4-byte
structure, where the highest byte is the ECG related status informa-
tion. If ENA_STAT_ECG is set to 0, the ECG output data is a 3-byte
structure with only ECG channel output data.
PPG Data Format
At the end of each time slot, the selected data is written to the
FIFO. The packet can include 0-, 8-, 16-, 24-, or 32-bit data for
each of the dark data, signal data, or lit data values. The bit
alignment of the data written to the FIFO is selectable with a shift
of 0 bits to 31 bits, with saturation provided. Lower bits are ignored.
The DARK_SIZE_x, LIT_SIZE_x and SIGNAL_SIZE_x bits select
the number of bytes of each field to be written from 0 bytes to 4
bytes. When set to 0, no data is written for that data type. The
DARK_SHIFT_x, LIT_SHIFT_x, and SIGNAL_SHIFT_x bits select
the number bits to shift the output data to the right before writing
the FIFO. If there are any significant bits at more significant bit
positions than those selected, the data written to the FIFO is
saturated.
The order of samples written to the FIFO (if selected) is signal
data followed by dark data and then lit data. If both channels are
enabled, all selected Channel 1 data values are written to the FIFO
first, followed by the Channel 2 data.
For example, in modes that use dark data, the eight upper bits of
the dark data can be stored with 24 appropriately selected bits from
the signal data for each time slot. This method detects whether
the ambient light is becoming large, while limiting the size of the
amount of data transferred.
PPG Data Format shows the PPG data format in the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com