Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLC9G22LS-160VT Datasheet(PDF) 8 Page - Ampleon Netherlands B.V.

Part # BLC9G22LS-160VT
Description  Power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC9G22LS-160VT Datasheet(HTML) 8 Page - Ampleon Netherlands B.V.

Back Button BLC9G22LS-160VT Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 9Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 10Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 11Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 12Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
BLC9G22LS-160VT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 2 — 24 May 2017
8 of 16
BLC9G22LS-160VT
Power LDMOS transistor
7.4.3 1-Carrier W-CDMA
VDS =28V; IDq = 864 mA.
(1) f = 2115 MHz
(2) f = 2140 MHz
(3) f = 2165 MHz
VDS =28V; IDq = 864 mA.
(1) f = 2115 MHz
(2) f = 2140 MHz
(3) f = 2165 MHz
Fig 9.
Peak-to-average power ratio as a function of
output power; typical values
Fig 10. Peak output power as a function of output
power; typical values
amp00184
28
32
36
40
44
48
4
6
8
10
12
PL (dBm)
PAR
PAR
PAR
(dB)
(dB)
(dB)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
amp00185
28
32
36
40
44
48
38
42
46
50
54
PL (dBm)
PL(M)
L(M)
PL(M)
(dBm)
(dBm)
(dBm)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
VDS =28V; IDq = 864 mA.
(1) f = 2112.5 MHz
(2) f = 2140 MHz
(3) f = 2167.5 MHz
VDS =28V; IDq = 864 mA.
(1) f = 2112.5 MHz
(2) f = 2140 MHz
(3) f = 2167.5 MHz
Fig 11. Power gain as a function of output power;
typical values
Fig 12. Drain efficiency as a function of output power;
typical values
amp00186
26
30
34
38
42
46
50
15
16
17
18
19
20
PL (dBm)
Gp
Gp
(dB)
(dB)
(dB)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
amp00187
26
30
34
38
42
46
50
0
10
20
30
40
50
PL (dBm)
ηD
ηD
(d%)
(d%)
(d%)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com