Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLC9G22LS-160VT Datasheet(PDF) 2 Page - Ampleon Netherlands B.V.

Part # BLC9G22LS-160VT
Description  Power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC9G22LS-160VT Datasheet(HTML) 2 Page - Ampleon Netherlands B.V.

  BLC9G22LS-160VT Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
BLC9G22LS-160VT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 2 — 24 May 2017
2 of 16
BLC9G22LS-160VT
Power LDMOS transistor
2. Pinning information
[1]
Connected to flange.
3. Ordering information
4. Limiting values
[1]
Continuous use at maximum temperature will affect the reliability, for details refer to the online MTF
calculator.
5. Thermal characteristics
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1drain
2gate
3source
[1]
4
video decoupling
5
video decoupling
6n.c.
7n.c.
1
5
3
4
27
6
aaa-003884
1, 4, 5
3
2
Table 3.
Ordering information
Type number
Package
Name Description
Version
BLC9G22LS-160VT
-
Air cavity plastic earless flanged package; 6 leads
SOT1271-2
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
65
V
VGS
gate-source voltage
0.5
+13
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
[1] -
225
C
Table 5.
Thermal characteristics
Symbol Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case
Tcase =80 C; PL = 35 W
0.47
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com