Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLC9G22LS-160VT Datasheet(PDF) 13 Page - Ampleon Netherlands B.V.

Part # BLC9G22LS-160VT
Description  Power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC9G22LS-160VT Datasheet(HTML) 13 Page - Ampleon Netherlands B.V.

Back Button BLC9G22LS-160VT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 9Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 10Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 11Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 12Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 13Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 14Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 15Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 16Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
BLC9G22LS-160VT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 2 — 24 May 2017
13 of 16
BLC9G22LS-160VT
Power LDMOS transistor
9. Handling information
[1]
CDM classification C2A is granted to any part that passes after exposure to an ESD pulse of 500 V, but fails
after exposure to an ESD pulse of 750 V.
[2]
HBM classification 2 is granted to any part that passes after exposure to an ESD pulse of 2000 V, but fails
after exposure to an ESD pulse of 4000 V.
10. Abbreviations
11. Revision history
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.
Table 10.
ESD sensitivity
ESD model
Class
Charged Device Model (CDM); According to ANSI/ESDA/JEDEC standard JS-002
C2A [1]
Human Body Model (HBM); According to ANSI/ESDA/JEDEC standard JS-001
2 [2]
Table 11.
Abbreviations
Acronym
Description
3GPP
3rd Generation Partnership Project
CCDF
Complementary Cumulative Distribution Function
CW
Continuous Wave
DPCH
Dedicated Physical CHannel
ESD
ElectroStatic Discharge
ESR
Equivalent Series Resistance
IS-95
Interim Standard 95
LDMOS
Laterally Diffused Metal Oxide Semiconductor
MTF
Median Time to Failure
PAR
Peak-to-Average Ratio
SMD
Surface Mounted Device
VBW
Video BandWidth
VSWR
Voltage Standing Wave Ratio
W-CDMA
Wideband Code Division Multiple Access
Table 12.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BLC9G22LS-160VT v.2
20170524
Product data sheet
BLC9G22LS-160VT v.1
Modifications:
• Table 3 on page 2: change version to SOT1271-2
• Figure 21 on page 12: change package outline drawing to SOT1271-2
BLC9G22LS-160VT v.1
20170104
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com