Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS47 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMS47
Description  Quad Programmable Precision Cascade Sequencer and Supervisory Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS47 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMS47 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Characteristics subject to change without notice
2087 1.1 04/11/05
SMS47
SUMMIT
MICROELECTRONICS, Inc.
©SUMMIT MICROELECTRONICS, Inc., 2005
• 1717 Fox Dr. • San Jose, CA 95131 • Phone 408-436-9890 • FAX 408-436-9897 •
www.summitmicro.com
PRELIMINARY INFORMATION 1 (SEE LAST PAGE)
Operational from any of four Voltage Monitoring
Inputs
Programmable Power-up Cascade Sequencing
Programmability allows monitoring any voltage
between 0.6V and 5.6V with no external
components
Programmable 5mV steps in the low range
Programmable Watchdog Timer
Programmable Reset Pulse Width
Programmable Nonvolatile Combinatorial Logic
for generation of Reset
Fault Status Register
APPLICATIONS
Desktop/Notebook/TabletComputers
Multi-voltage Systems
Telecom/Network Servers
Portable Battery-powered Equipment
Set-top Boxes
Data-storage Equipment
Quad Programmable Precision Cascade Sequencer and Supervisory
Controller
FEATURES
INTRODUCTION
The SMS47 is a nonvolatile user-programmable voltage
supply cascade sequencer and supervisory circuit de-
signed specifically for advanced systems that need to
monitor multiple voltages. The SMS47 can monitor four
separate voltages without the need of any external voltage
divider circuitry unlike other devices that need factory-
trimmed threshold voltages and external components to
accommodate different supply voltages and tolerances.
The SMS47 can also be used to enable DC/DC converters
or LDOs to provide a closed loop cascading of the supplies
duringpower-up.
The SMS47 watchdog timer has a user programmable
time-out period and it can be placed in an idle mode for
system initialization or system debug. All of the functions
are user accessible through an industry standard I2C 2-wire
serial interface.
Programming of configuration, control and calibration
values by the user is simplified with the SMX3200 program-
ming adapter and Windows GUI software obtainable from
Summit Microelectronics.
SIMPLIFIED APPLICATION DRAWING
Applications Schematic using the SMS47 Controller to provide closed loop power-up cascade sequenc-
ing and supervisory functions.
NOTE: THIS IS AN APPLICATIONS EXAMPLE ONLY. SOME PINS, COMPONENTS AND VALUES ARE NOT SHOWN.
2047 SAD 2.0
V0
V1
V2
V3
RESET#
PUP#1
VDD_CAP
PUP#2
PUP#3
I2C
5V
3.3V
2.5V
1.8V
DC/DC
DC/DC
LDO
SMS47
A2 A1 SDA SCL
7
6
9
10
1
16
2
3
14
MR#
Reset#
15
WLDI
GND
8
11
12
4
13
5
0.1µF


Similar Part No. - SMS47

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K Datasheet
641Kb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SMS4003K VBSEMI-SMS4003K Datasheet
482Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K_15 Datasheet
636Kb / 4P
N-Channel MOSFET
SMS4021-C SECOS-SMS4021-C Datasheet
323Kb / 3P
N-Channel Enhancement Mode Power MOSFET
logo
Summit Microelectronics...
SMS44 SUMMIT-SMS44 Datasheet
408Kb / 16P
Highly Programmble Voltage Supervisory Circuit
More results

Similar Description - SMS47

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT14 AD-ADT14 Datasheet
338Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV.0
logo
Summit Microelectronics...
SMS45 SUMMIT-SMS45 Datasheet
984Kb / 20P
Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
SMS46 SUMMIT-SMS46 Datasheet
910Kb / 17P
Quad Programmable Precision Supervisory Controller With Independent Resets and 4k-Bit Nonvolatile Memory
SMS48 SUMMIT-SMS48 Datasheet
841Kb / 16P
Quad Programmable Precision Supervisory Controller With Independent Resets
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
Quad Voltage Monitor and Sequencer
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
Quad Voltage Monitor and Sequencer
3/07-Revision 0
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
logo
Maxim Integrated Produc...
MAX6876 MAXIM-MAX6876 Datasheet
378Kb / 39P
EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
Rev 0; 10/04
logo
Analog Devices
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
Quad Voltage Monitor and Sequencer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com