Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS47 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMS47
Description  Quad Programmable Precision Cascade Sequencer and Supervisory Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS47 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMS47 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
SMS47
2087 1.1 04/11/05
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
Table 2. Configuration Register 4
CONFIGURATION REGISTERS
SUPPLY AND MONITOR FUNCTIONS
The V0, V1, V2, and V3 inputs are internally diode-ORed so
that any one of the four can act as the device supply. The
RESET# output will be guaranteed true so long as one of
the four pins is at or above 1V.
Note: for performing a Read or Write to the con-
figuration register contents, at least one supply
input must be above 2.7V.
Read/Write operations require a 0.1µF capacitor from the
VDD_CAP node to GND. For optimum performance
connect capacitors from each of the Vx inputs to GND.
Locate the capacitors as physically close to the SMS47 as
possible.
If cascading is enabled, the designer must insure V0 is the
primary supply and is the first to become active.
Associated with each input is a comparator with a program-
mable threshold for detection of under-voltage or over-
voltage conditions on any of the four supply inputs. The
threshold can be programmed in 5mV increments any-
where within the range of 0.6V to 1.875V or 15mV incre-
ments within the range of 1.8V to 5.625V. Configuration
registers 0, 1, 2, and 3 adjust the thresholds for V0, V1, V2,
and V3 respectively.
If the value contained in any register is all zeroes, the
corresponding threshold will be 0.6V. If the contents were
low range 05HEX the threshold would then be 0.625V [0.6V
+ (5
× 0.005V)]. All four registers are configured as 8-Bit
registers.
Table 1. Configuration Registers 0, 1, 2, and 3
RESET FUNCTION AND THRESHOLD RANGE
The reset output has four programmable sources for
activation. Configuration register 4 is used for selecting the
activation source (D7:4), which can be any combination of
V0, V1, V2 and V3. A monitor input can be programmed to
activate on either an under-voltage or over-voltage condi-
tion. The low-order four bits of configuration register 5
program these options. The reset threshold voltage range
for V0 to V3 can be set for 5mV increments below 1.875V
(low Range = "0") or for 15mV increments above 1.8V (high
range = "1") using Bits D3:0.
The RESET# output will become active when triggered by
a selected activation source such as an under-voltage
condition on V1. When this condition ceases, the RESET#
output will remain active for tPRTO (programmable reset
time-out). This reset time-out interval takes priority over
the PUP outputs for use of the timer.
The RESET# output has two hardwired sources for activa-
tion: the MR# input, and the expiration of the Watchdog
timer. RESET# will remain active so long as MR# is low,
and will continue driving the RESET# output for tPRTO
(programmable reset time out) after MR# returns high. The
MR# input cannot be bypassed or disabled.
Refer to Figures 2, 3 and 4 for a detailed illustration of the
relationships among the affected signals.
The status of the four supplies is available at any time over
the I2C bus in the high order configuration bits of register 5
(Table 3). A "1" in a bit location indicates a fault on that
supply.
7
D
B
S
M
6
D5
D4
D3
D2
D1
D
0
D
B
S
L
n
o
i
t
c
A
1
1
1111
1
1
V
5
2
6
.
5
=
t
n
e
m
t
s
u
j
d
a
d
l
o
h
s
e
r
h
t
t
s
e
h
g
i
H
)
e
g
n
a
R
h
g
i
H
(
0
0
0000
0
0
V
6
.
0
=
t
n
e
m
t
s
u
j
d
a
d
l
o
h
s
e
r
h
t
t
s
e
w
o
L
)
e
g
n
a
R
w
o
L
(
0
0
000
1
1
0
6
(
+
V
6
.
0
=
d
l
o
h
s
e
r
h
T
×
V
5
2
6
.
0
=
)
V
5
0
0
.
0
)
.
g
.
e
(
7
D
B
S
M
6
D5
D4
D3
D2
D1
D
0
D
B
S
L
n
o
i
t
c
A
XXXX
V
3
V
2
V
1
V
0
e
l
b
a
n
E
r
e
g
g
i
r
T
T
E
S
E
R
e
g
n
a
R
d
l
o
h
s
e
r
h
T
e
g
a
tl
o
V
t
c
e
l
e
S
0000
w
o
L
e
g
n
a
R
1111
h
g
i
H
e
g
n
a
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com