Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS47 Datasheet(PDF) 17 Page - Summit Microelectronics, Inc.

Part # SMS47
Description  Quad Programmable Precision Cascade Sequencer and Supervisory Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS47 Datasheet(HTML) 17 Page - Summit Microelectronics, Inc.

Back Button SMS47 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 19Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
2087 1.0 04/11/05
SMS47
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
DEFAULT CONFIGURATION REGISTER SETTINGS - SMS47GC-359
R egister
C ontents
Function
R 00
56
V0 threshold set to 3.090V
R 01
28
V1 threshold set to 2.400V
R 02
A0
V2 threshold set to 1.400V
R 03
14
V3 threshold set to 0.700V
R 04
F3
R eset T rigger source set for all channels, V0, V 1 set to high range and V2, V 3
set to low range
R 05
X 0
U pper bits are volatile status indication of input supply condition. V 0, V1, V2
and V3 set to m onitor U V U nder Voltage.
R 06
4D
R eset tim eout set to 100m s, W atchdog T im er set to 1.6s. B its D 4 and D 3
indicate revision control.
R 07
6A
C onfiguration registers are unlocked, cascading dela ys are all 50m s
The default device ordering number is SMS47GC-359, is programmed as described above and tested
over the commercial temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com