Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF573 Datasheet(PDF) 6 Page - Ampleon Netherlands B.V.

Part # BLF573
Description  HF / VHF power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF573 Datasheet(HTML) 6 Page - Ampleon Netherlands B.V.

Back Button BLF573 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 10Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
BLF573_BLF573S#4
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 1 September 2015
6 of 16
BLF573; BLF573S
HF / VHF power LDMOS transistor
8. Test information
8.1 RF Performance
The following figures are measured in a class-AB production test circuit.
8.1.1 1-Tone CW
VDS = 50 V; IDq = 900 mA; f = 225 MHz.
VDS = 50 V; f = 225 MHz.
(1) IDq = 500 mA
(2) IDq = 700 mA
(3) IDq = 900 mA
(4) IDq = 1100 mA
(5) IDq = 1300 mA
(6) IDq = 1500 mA
(7) IDq = 1700 mA
Fig 4.
Power gain and drain efficiency as functions
of load power; typical values
Fig 5.
Power gain as function of load power; typical
values
PL (W)
0
400
300
100
200
Gp
001aaj612
26
24
28
30
Gp
(dB)
ηD
(%)
22
40
20
60
80
0
ηD
PL (W)
0
400
300
100
200
001aaj613
26
24
28
30
Gp
(dB)
22
(7)
(6)
(5)
(2)
(3)
(4)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com