Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF573 Datasheet(PDF) 9 Page - Ampleon Netherlands B.V.

Part # BLF573
Description  HF / VHF power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF573 Datasheet(HTML) 9 Page - Ampleon Netherlands B.V.

Back Button BLF573 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 13Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
BLF573_BLF573S#4
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 1 September 2015
9 of 16
BLF573; BLF573S
HF / VHF power LDMOS transistor
[1]
American Technical Ceramics type 100B or capacitor of same quality.
C15
multilayer ceramic chip capacitor
33 pF
[1]
C16
multilayer ceramic chip capacitor
36 pF
[1]
C17
multilayer ceramic chip capacitor
16 pF
[1]
C19
electrolytic capacitor
220
F; 63 V
L1
2 turns enamelled copper wire
D = 3 mm;
d=1mm;
length = 2 mm;
leads = 2
 6mm
L2
4 turns enamelled copper wire
D = 2 mm;
d=1mm;
length = 13 mm;
leads = 2
 5mm
L3
stripline
-
(L
 W) 96 mm  3 mm
L4, L5
stripline
-
(L
 W) 15 mm  8 mm
L6
stripline
-
(L
 W) 105 mm  6 mm
L7
stripline
-
(L
 W) 3 mm  6 mm
L8
stripline
-
(L
 W) 12 mm  6 mm
R1
metal film resistor
100
; 0.6 W
Table 9.
List of components …continued
For production test circuit, see Figure 9 and Figure 10.
Printed-Circuit Board (PCB): Rogers 5880;
r = 2.2 F/m; height = 0.79 mm; Cu (top/bottom metallization);
thickness copper plating = 35
m.
Component
Description
Value
Remarks
Fig 9.
Class-AB common-source production test circuit
001aaj148
C8
C1
C20
C10
C16
C18
C19
R1
L1
L2
L7
L8
L5
L4
L3
L6
C3
C7
C4
C15
C17
C2
C5
C6
B1
C9
VGG
VDD
C11
C12
C13
C14
input
50
Ω
output
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com