Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF573 Datasheet(PDF) 12 Page - Ampleon Netherlands B.V.

Part # BLF573
Description  HF / VHF power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF573 Datasheet(HTML) 12 Page - Ampleon Netherlands B.V.

Back Button BLF573 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 13Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 14Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 15Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 16Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
BLF573_BLF573S#4
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 1 September 2015
12 of 16
BLF573; BLF573S
HF / VHF power LDMOS transistor
Fig 12. Package outline SOT502B
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT502B
07-05-09
12-05-02
0
5
10 mm
scale
Earless flanged ceramic package; 2 leads
SOT502B
A
F
b
D
U2
L
H
Q
c
1
3
2
D1
E
D
U1
D
E1
M
M
w2
UNIT
A
mm
D
b
12.83
12.57
0.15
0.08
20.02
19.61
9.53
9.25
19.94
18.92
9.91
9.65
4.72
3.43
c
U2
0.25
w2
F
1.14
0.89
U1
20.70
20.45
L
5.33
4.32
Q
1.70
1.45
EE1
9.50
9.30
inches
0.505
0.495
0.006
0.003
0.788
0.772
D1
19.96
19.66
0.786
0.774
0.375
0.364
0.785
0.745
0.390
0.380
0.186
0.135
0.010
0.045
0.035
0.815
0.805
0.210
0.170
0.067
0.057
0.374
0.366
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com