Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9506DGG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9506DGG
Description  40-bit I2C-bus I/O port with RESET, OE, and INT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9506DGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9506DGG Datasheet HTML 3Page - NXP Semiconductors PCA9506DGG Datasheet HTML 4Page - NXP Semiconductors PCA9506DGG Datasheet HTML 5Page - NXP Semiconductors PCA9506DGG Datasheet HTML 6Page - NXP Semiconductors PCA9506DGG Datasheet HTML 7Page - NXP Semiconductors PCA9506DGG Datasheet HTML 8Page - NXP Semiconductors PCA9506DGG Datasheet HTML 9Page - NXP Semiconductors PCA9506DGG Datasheet HTML 10Page - NXP Semiconductors PCA9506DGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
9397 750 14939
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 14 February 2006
7 of 30
Philips Semiconductors
PCA9506
40-bit I2C-bus I/O port with RESET, OE, and INT
[1]
HVQFN package die supply ground is connected to both VSS pins and exposed center pad. VSS pins must
be connected to supply ground for proper device operation. For enhanced thermal, electrical, and board
level performance, the exposed pad needs to be soldered to the board using a corresponding thermal pad
on the board and for proper heat conduction through the board, thermal vias need to be incorporated in the
printed-circuit board in the thermal pad region.
7.
Functional description
Refer to Figure 1 “Block diagram of PCA9506” and Figure 2 “Simplified schematic of
IO0_0 to IO4_7”.
7.1 Device address
Following a START condition, the bus master must send the address of the slave it is
accessing and the operation it wants to perform (read or write). The address of the
PCA9506 is shown in Figure 5. Slave address pins A2, A1, and A0 choose 1 of 8 slave
addresses and need to be connected to VDD (1) or VSS (0). To conserve power, no internal
pull-up resistors are incorporated on A2, A1, and A0.
The last bit of the first byte defines the operation to be performed. When set to logic 1 a
read is selected, while a logic 0 selects a write operation.
7.2 Command register
Following the successful acknowledgement of the slave address + R/W bit, the bus master
will send a byte to the PCA9506, which will be stored in the Command register.
OE
30
23
I
active LOW output enable input
INT
55
48
O
active LOW interrupt output
RESET
56
49
I
active LOW reset input
Table 2:
Pin description …continued
Symbol
Pin
Type
Description
TSSOP56
HVQFN56
Fig 5.
PCA9506 address
002aab494
0
1
0
0
A2
A1
A0 R/W
fixed
slave address
programmable
Fig 6.
Command register
002aab495
1
0
0
0
0
0
0
0
AI
−
D5
D4
D3
D2
D1
D0
Auto-Increment
register number
default at power-up
or after RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com