Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9506DGG Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA9506DGG
Description  40-bit I2C-bus I/O port with RESET, OE, and INT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9506DGG Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA9506DGG Datasheet HTML 15Page - NXP Semiconductors PCA9506DGG Datasheet HTML 16Page - NXP Semiconductors PCA9506DGG Datasheet HTML 17Page - NXP Semiconductors PCA9506DGG Datasheet HTML 18Page - NXP Semiconductors PCA9506DGG Datasheet HTML 19Page - NXP Semiconductors PCA9506DGG Datasheet HTML 20Page - NXP Semiconductors PCA9506DGG Datasheet HTML 21Page - NXP Semiconductors PCA9506DGG Datasheet HTML 22Page - NXP Semiconductors PCA9506DGG Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
9397 750 14939
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 14 February 2006
19 of 30
Philips Semiconductors
PCA9506
40-bit I2C-bus I/O port with RESET, OE, and INT
10. Limiting values
11. Static characteristics
Table 9:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6
V
VI
input voltage
VSS − 0.5
5.5
V
II
input current
-
±20
mA
VI/O(n)
input/output voltage on any other pin
VSS − 0.5
5.5
V
VI/O(IO0n)
input/output voltage on pin IO0_n
VSS − 0.5
5.5
V
IO(I/On)
output current on an I/O pin
−20
+50
mA
IDD
supply current
-
500
mA
ISS
ground supply current
-
1100
mA
Ptot
total power dissipation
-
500
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C
Tj
junction temperature
operating
-
125
°C
storage
-
150
°C
Table 10:
Static characteristics
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
2.3
-
5.5
V
IDD
supply current
operating mode; no load;
fSCL = 400 kHz
VDD = 2.3 V
-
56
95
µA
VDD = 3.3 V
-
98
150
µA
VDD = 5.5 V
-
225
300
µA
Istb
standby current
no load; fSCL = 0 kHz;
I/O = inputs; VI =VDD
VDD = 2.3 V
-
0.15
11
µA
VDD = 3.3 V
-
0.25
12
µA
VDD = 5.5 V
-
0.75
15.5
µA
VPOR
power-on reset voltage [1]
no load; VI =VDD or VSS
-
1.70
2.0
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
−0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
IOL
LOW-level output current
VOL = 0.4 V
20
-
-
mA
IL
leakage current
VI =VDD =VSS
−1-
+1
µA
Ci
input capacitance
VI =VSS
-
5
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com