Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9506DGG Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9506DGG
Description  40-bit I2C-bus I/O port with RESET, OE, and INT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9506DGG Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9506DGG Datasheet HTML 6Page - NXP Semiconductors PCA9506DGG Datasheet HTML 7Page - NXP Semiconductors PCA9506DGG Datasheet HTML 8Page - NXP Semiconductors PCA9506DGG Datasheet HTML 9Page - NXP Semiconductors PCA9506DGG Datasheet HTML 10Page - NXP Semiconductors PCA9506DGG Datasheet HTML 11Page - NXP Semiconductors PCA9506DGG Datasheet HTML 12Page - NXP Semiconductors PCA9506DGG Datasheet HTML 13Page - NXP Semiconductors PCA9506DGG Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
9397 750 14939
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 14 February 2006
10 of 30
Philips Semiconductors
PCA9506
40-bit I2C-bus I/O port with RESET, OE, and INT
7.3.1 IP0 to IP4 - Input Port registers
These registers are read-only. They reflect the incoming logic levels of the port pins
regardless of whether the pin is defined as an input or an output by the I/O Configuration
register. If the corresponding Px[y] bit in the PI registers is set to logic 0, or the inverted
incoming logic levels if the corresponding Px[y] bit in the PI register is set to logic 1. Writes
to these registers have no effect.
The Polarity Inversion register can invert the logic states of the port pins. The polarity of
the corresponding bit is inverted when Px[y] bit in the PI register is set to logic 1. The
polarity of the corresponding bit is not inverted when Px[y] bits in the PI register is set to
logic 0.
Mask Interrupt registers
20
100000
MSK0
read/write
Mask Interrupt register bank 0
21
100001
MSK1
read/write
Mask Interrupt register bank 1
22
100010
MSK2
read/write
Mask Interrupt register bank 2
23
100011
MSK3
read/write
Mask Interrupt register bank 3
24
100100
MSK4
read/write
Mask Interrupt register bank 4
25
100101-
-
reserved for future use
26
100110-
-
reserved for future use
27
100111-
-
reserved for future use
Table 3:
Register summary …continued
Register #
(hex)
D5
D4
D3
D2
D1
D0
Symbol
Access
Description
Table 4:
IP0 to IP4 - Input Port registers (address 00h to 04h) bit description
Legend: * default value ‘X’ determined by the externally applied logic level.
Address
Register
Bit
Symbol
Access
Value
Description
00h
IP0
7 to 0
I0[7:0]
R
XXXX XXXX*
Input Port register bank 0
01h
IP1
7 to 0
I1[7:0]
R
XXXX XXXX*
Input Port register bank 1
02h
IP2
7 to 0
I2[7:0]
R
XXXX XXXX*
Input Port register bank 2
03h
IP3
7 to 0
I3[7:0]
R
XXXX XXXX*
Input Port register bank 3
04h
IP4
7 to 0
I4[7:0]
R
XXXX XXXX*
Input Port register bank 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com