Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2S6002 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SL2S6002
Description  ICODE DNA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S6002 Datasheet(HTML) 2 Page - NXP Semiconductors

  SL2S6002 Datasheet HTML 1Page - NXP Semiconductors SL2S6002 Datasheet HTML 2Page - NXP Semiconductors SL2S6002 Datasheet HTML 3Page - NXP Semiconductors SL2S6002 Datasheet HTML 4Page - NXP Semiconductors SL2S6002 Datasheet HTML 5Page - NXP Semiconductors SL2S6002 Datasheet HTML 6Page - NXP Semiconductors SL2S6002 Datasheet HTML 7Page - NXP Semiconductors SL2S6002 Datasheet HTML 8Page - NXP Semiconductors SL2S6002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SL2S6002_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.0 — 16 June 2016
374730
2 of 14
NXP Semiconductors
SL2S6002
ICODE DNA
The ICODE DNA features three 128-bit keys for tag and mutual authentication.The
tag authentication based on AES cryptography.
Tag authentication allows proving the authenticity of a tag based on a common secret.
Mutual authentication allows proving the authenticity of a tag based on a common
secret and to prove the access rights of the reader to protected data or functionality of
the tag.
• EAS and AFI functionality optionally protected by mutual authentication
• 16-bit counter:
The last block of the user memory provides a special feature - the 16-bit counter. The
counter can be increased by one with a WRITE command. The preset of the 16-bit
counter is protected by mutual authentication.
• Privacy and Destroy functionality protected by mutual authentication
2.
Features and benefits
2.1 ICODE DNA RF interface (ISO/IEC 15693)
Contactless transmission of data and supply energy (no battery needed)
Operating frequency: 13.56 MHz (ISM, world-wide license freely available)
Fast data transfer: up to 53 kbit/s
High data integrity: 16-bit CRC, framing
True anticollision
Electronic Article Surveillance (EAS)
Application Family Identifier (AFI) supported
Data Storage Format Identifier (DSFID)
Cryptographic tag/mutual authentication
Additional fast anticollision read
Persistent quiet mode to enable faster inventory speed
2.2 EEPROM
2048 bits user memory, organized in 64 blocks of 4 bytes each (last block reserved for
counter feature)
50 years data retention
Write endurance of 100,000 cycles
2.3 Security
Unique identifier for each device (8 bytes)
32 byte originality signature
Lock mechanism for each user memory block (write protection)
Lock mechanism for DSFID, AFI, EAS
AES Crypto-core for tag/mutual authentication with three 128-bit keys
User memory segmentation with flexible access conditions with mutual authentication
(privileges)
Separate privileges for Read/Write access, EAS/AFI, Privacy and Destroy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com