Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2S6002 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SL2S6002
Description  ICODE DNA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S6002 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SL2S6002 Datasheet HTML 2Page - NXP Semiconductors SL2S6002 Datasheet HTML 3Page - NXP Semiconductors SL2S6002 Datasheet HTML 4Page - NXP Semiconductors SL2S6002 Datasheet HTML 5Page - NXP Semiconductors SL2S6002 Datasheet HTML 6Page - NXP Semiconductors SL2S6002 Datasheet HTML 7Page - NXP Semiconductors SL2S6002 Datasheet HTML 8Page - NXP Semiconductors SL2S6002 Datasheet HTML 9Page - NXP Semiconductors SL2S6002 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SL2S6002_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.0 — 16 June 2016
374730
6 of 14
NXP Semiconductors
SL2S6002
ICODE DNA
6.2.3 Configuration Memory
The configuration memory contains the security configuration information. Access to this
memory area is only possible with READ_CONFIG and WRITE_CONFIG commands
depending on the initialization status.
The configuration memory contains 48 blocks of 4 bytes.
6.2.3.1
Originality signature
The ICODE DNA offers a feature to verify the origin of a tag with a certain confidence with
the UID towards an originality signature which is stored in the configuration memory bank.
The originality signature can be read with the READ_SIGNATURE command or with the
READ_CONFIG command.
The ICODE DNA provides the possibility to customize the originality signature to
personalize the IC individually for specific application. At delivery the ICODE DNA is
pre-programmed with the NXP originality signature described below. This signature is
unlocked in the dedicated memory. If needed, the signature can be reprogrammed with a
custom-specific signature using the WRITE_CONFIG command during the
personalization process by the customer. The signature can be permanently locked
afterwards by setting the Config Header to “locked “with the WRITE_CONFIG command
to avoid further modifications.
Remark: If no customized originality signature is required, it is recommended to
permanently lock the NXP signature during the initialization process by setting the Config
Header to locked with the WRITE_CONFIG command.
6.2.3.2
Customer ID (CID)
The Customer ID is 0xC000 at delivery and can be reprogrammed and locked. In order to
distinguish between NXP programmed and customized CIDs, the 2 most significant bits of
CID_0 are automatically set to 1 when the CID is programmed with the WRITE_CONFIG
command (input CID is bit wise OR with 0xC000).
CID = 0xC000 | <input CID>, e.g. 0xD053 = 0xC000 | 0x1053
The CID can be permanently locked afterwards by setting the Config Header to “locked”
with the WRITE_CONFIG command to avoid further modifications.
Remark: If no customized originality signature is required, it is recommended to
permanently lock the CID during the initialization process by setting the Config Header to
“locked” with the WRITE_CONFIG command.
6.2.3.3
Authentication Limit
The Authentication Limit is a feature to limit the number of authentications (tag as well as
mutual authentications) with the CHALLENGE or AUTHENTICATE command.
6.2.3.4
Key Privileges
The key privileges define the privileges for the related key used with mutual
authentication. If the related privilege is enabled, the access for the depending feature is
granted after mutual authentication with the related key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com