Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA07 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA07
Description  FET INPUT POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA07 Datasheet(HTML) 2 Page - Cirrus Logic

  PA07 Datasheet HTML 1Page - Cirrus Logic PA07 Datasheet HTML 2Page - Cirrus Logic PA07 Datasheet HTML 3Page - Cirrus Logic PA07 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
100V
OUTPUT CURRENT, within SOA
5A
POWER DISSIPATION, internal1
67W
INPUT VOLTAGE, differential
±50V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder - 10s
300°C
TEMPERATURE, junction1
200°C
TEMPERATURE RANGE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
PA07
PA07A
PARAMETER
TEST CONDITIONS 2
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
T
C = 25°C
.5
±2
±.25
±.5
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
10
30
5
10
µV/°C
OFFSET VOLTAGE, vs. supply
T
C = 25°C
8
*
µV/V
OFFSET VOLTAGE, vs. power
Full temperature range
20
10
µV/W
BIAS CURRENT, initial3
T
C = 25°C
5
50
3
10
pA
BIAS CURRENT,vs. supply
T
C = 25°C
.01
*
pA/V
OFFSET CURRENT, initial3
T
C = 25°C
2.5
50
1.5
10
pA
INPUT IMPEDANCE, DC
T
C = 25°C
1011
*
Ω
INPUT CAPACITANCE
T
C = 25°C
4
*
pF
COMMON MODE VOLTAGE RANGE4
Full temperature range
±V
S–10
*
V
COMMON MODE REJECTION, DC
Full temperature range, V
CM = ±20V
120
*
dB
GAIN
OPEN LOOP GAIN at 15Hz
T
C = 25°C, RL = 15Ω
89
95
*
*
dB
GAIN BANDWIDTH PRODUCT @ 1MHz T
C = 25°C, RL = 15Ω
1.3
*
MHz
POWER BANDWIDTH
T
C = 25°C, RL = 15Ω
18
*
kHz
PHASE MARGIN
Full temperature range, R
L = 15Ω
70
*
°
OUTPUT
VOLTAGE SWING4
Full temp. range, I
O = 5A
±V
S–5
*
V
VOLTAGE SWING4
Full temp. range, I
O = 2A
±V
S–5
*
V
VOLTAGE SWING4
Full temp. range, I
O = 90mA
±V
S–5
*
V
CURRENT, peak
T
C = 25°C
5
*
A
SETTLING TIME to .1%
T
C = 25°C, 2V step
1.5
*
µs
SLEW RATE
T
C = 25°C
5
*
V/µs
CAPACITIVE LOAD, unity gain
Full temperature range
1
*
nF
CAPACITIVE LOAD, gain>4
Full temperature range
SOA
*
POWER SUPPLY
VOLTAGE
Full temperature range
±12
±35
±50
*
*
*
V
CURRENT, quiescent
T
C = 25°C
18
30
*
*
mA
THERMAL
RESISTANCE, AC, junction to case5
F>60Hz
1.9
2.1
*
*
°C/W
RESISTANCE, DC, junction to case
F<60Hz
2.4
2.6
*
*
°C/W
RESISTANCE, junction to air
30
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
25
+85
*
*
*
°C
NOTES: *
The specification of PA07A is identical to the specification for PA07 in applicable column to the left.
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
2. The power supply voltage for all specifications is the TYP rating unless otherwise noted as a test condition.
3. Doubles for every 10°C of temperature increase.
4. +V
S and –VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to –VS.
5. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
PA07 • PA07A
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com