Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA07 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA07
Description  FET INPUT POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA07 Datasheet(HTML) 4 Page - Cirrus Logic

  PA07 Datasheet HTML 1Page - Cirrus Logic PA07 Datasheet HTML 2Page - Cirrus Logic PA07 Datasheet HTML 3Page - Cirrus Logic PA07 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
OPERATING
CONSIDERATIONS
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.apexmicrotech.com for design tools
that help automate tasks such as calculations for stability,
internal power dissipation, current limit; heat sink selection;
Apex’s complete Application Notes library; Technical Seminar
Workbook; and Evaluation Kits.
SAFE OPERATING AREA (SOA)
The output stage of most power amplifiers has three distinct
limitations:
1. The current handling capability of the wire bonds.
2. The second breakdown effect which occurs whenever the
simultaneous collector current and collector-emitter voltage
exceed specified limits.
3. The junction temperature of the output transistors.
SAFE OPERATING AREA CURVES
The SOA curves combine the effect of these limits. For a
given application, the direction and magnitude of the output
current should be calculated or measured and checked against
the SOA curves. This is simple for resistive loads but more
complex for reactive and EMF generating loads. However, the
following guidelines may save extensive analytical efforts.
1. For DC outputs, especially those resulting from fault condi-
tions, check worst case stress levels against the new SOA
graph.
For sine wave outputs, use Power Design1 to plot a load
line. Make sure the load line does not cross the 0.5ms limit
and that excursions beyond any other second breakdown
line do not exceed the time label, and have a duty cycle of
no more than 10%.
For other waveform outputs, manual load line plotting is
recommended. Applications Note 22, SOA AND LOAD
LINES, will be helpful. A Spice type analysis can be very
useful in that a hardware setup often calls for instruments
or amplifiers with wide common mode rejection ranges.
����
����
��
���
���
�
���
���
����
����
��
��
���
��
��
��
�
�
�����
��
�����
��
�����
���
�
��
��
��
��
��
���
���
���
���
���
���
��
��
��
�� �� �� ��
�� �� �� ��
���
����
�����
�������������������������������������������������
PA07 • PA07A
2. The amplifier can handle any reactive or EMF generating
load and short circuits to the supply rail or common if the
current limits are set as follows at T
C = 85°C:
SHORT TO ±V
S
SHORT TO
±V
S
C, L, OR EMF LOAD
COMMON
50V
.21A
.61A
40V
.3A
.87A
30V
.46A
1.4A
20V
.87A
2.5A
15V
1.4A
4.0A
These simplified limits may be exceeded with further analysis
using the operating conditions for a specific application.
3. The output stage is protected against transient flyback.
However, for protection against sustained, high energy
flyback, external fast-recovery diodes should be used.
THERMAL SHUTDOWN PROTECTION
The thermal protection circuit shuts off the amplifier when
the substrate temperature exceeds approximately 150°C. This
allows heatsink selection to be based on normal operating
conditions while protecting the amplifier against excessive
junction temperature during temporary fault conditions.
Thermal protection is a fairly slow-acting circuit and therefore
does not protect the amplifier against transient SOA violations
(areas outside of the T
C = 25°C boundary). It is designed to
protect against short-term fault conditions that result in high
power dissipation within the amplifier. If the conditions that
cause thermal shutdown are not removed, the amplifier will
oscillate in and out of shutdown. This will result in high peak
power stresses, will destroy signal integrity and reduce the
reliability of the device.
CURRENT LIMIT
Proper operation requires the use of two current limit resis-
tors, connected as shown in the external connections diagram.
The minimum value for R
CL is .12Ω, however, for optimum
reliability it should be set as high as possible. Refer to the
“General Operating Considerations” section of the handbook
for current limit adjust details.
1
Note 1. Power Design is a self-extracting Excel spreadsheet
available free from www.apexmicrotech.com
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA07U REV N JUNE 2003 © 2003 Apex Microtechnology Corp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com