Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA07 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA07
Description  FET INPUT POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA07 Datasheet(HTML) 1 Page - Cirrus Logic

  PA07 Datasheet HTML 1Page - Cirrus Logic PA07 Datasheet HTML 2Page - Cirrus Logic PA07 Datasheet HTML 3Page - Cirrus Logic PA07 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• LOW BIAS CURRENT — FET Input
• PROTECTED OUTPUT STAGE — Thermal Shutoff
• EXCELLENT LINEARITY — Class A/B Output
• WIDE SUPPLY RANGE — ±12V TO ±50V
• HIGH OUTPUT CURRENT — ±5A Peak
APPLICATIONS
• MOTOR, VALVE AND ACTUATOR CONTROL
• MAGNETIC DEFLECTION CIRCUITS UP TO 4A
• POWER TRANSDUCERS UP TO 100kHz
• TEMPERATURE CONTROL UP TO 180W
• PROGRAMMABLE POWER SUPPLIES UP TO 90V
• AUDIO AMPLIFIERS UP TO 60W RMS
DESCRIPTION
The PA07 is a high voltage, high output current operational
amplifier designed to drive resistive, inductive and capacitive
loads. For optimum linearity, especially at low levels, the out-
put stage is biased for class A/B operation using a thermistor
compensated base-emitter voltage multiplier circuit. A thermal
shutoff circuit protects against overheating and minimizes
heatsink requirements for abnormal operating conditions. The
safe operating area (SOA) can be observed for all operating
conditions by selection of user programmable current limiting
resistors. Both amplifiers are internally compensated for all
gain settings. For continuous operation under load, a heatsink
of proper rating is recommended.
This hybrid circuit utilizes thick film (cermet) resistors, ceramic
capacitors and semiconductor chips to maximize reliability,
minimize size and give top performance. Ultrasonically bonded
aluminumwiresprovidereliableinterconnectionsatalloperating
temperatures. The 8-pin TO-3 package is hermetically sealed
and electrically isolated. The use of compressible washers
and/or improper mounting torque will void the product warranty.
Please see “General Operating Considerations”.
EQUIVALENT SCHEMATIC
���
����
���
���
����
���
���
���
�
�
��������
����
����
��
��
������
����� ��� � ��� ��������
�
�
�
�
�
�
�
�
TYPICAL APPLICATION
Negates optoelectronic instabilities
Lead network minimizes overshoot
SEQUENTIAL POSITION CONTROL
Position is sensed by the differentially connected photo
diodes, a method that negates the time and temperature
variations of the optical components. Off center positions
produce an error current which is integrated by the op amp
circuit, driving the system back to center position. A momen-
tary switch contact forces the system out of lock and then the
integrating capacitor holds drive level while both diodes are
in a dark state. When the next index point arrives, the lead
network of C1 and R1 optimize system response by reducing
overshoot. The very low bias current of the PA07 augments
performance of the integrator circuit.
EXTERNAL CONNECTIONS
NOTE: Input offset voltage trim optional. R
T = 10KΩ MAX
�����
����
����
��
��
��
���
���
����
����
����
����
��
��
���
���
�����
������
���������
����������
����
�
�
�
�
�
�
�
�
�
��
��
��
��
��
��
��
��
����
����
���
���
���
��
��
��
��
��
���
���
���
��
��
���
���
����
����
��������������������������������������������������������������
� � � � � � � � � � � � � � �
��������������������������������������
������������
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PA07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA07 ETC-PA07 Datasheet
64Kb / 4P
FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA07 CIRRUS-PA07 Datasheet
208Kb / 5P
FET Input Power Operational Amplifier
logo
Pulse A Technitrol Comp...
PA0700NL PULSE-PA0700NL Datasheet
249Kb / 6P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA0751NL PULSE-PA0751NL Datasheet
279Kb / 6P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS EFD20 Platforms - SMT
More results

Similar Description - PA07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA130 BURR-BROWN-OPA130 Datasheet
289Kb / 7P
Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
J-FET Input Operational Amplifiers
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA130 TI-OPA130_07 Datasheet
698Kb / 16P
Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
High-Speed FET-Input Operational Amplifiers
OPA131 TI1-OPA131_16 Datasheet
1Mb / 21P
General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081_V01 Datasheet
4Mb / 66P
TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V02 Datasheet
4Mb / 70P
TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V03 Datasheet
5Mb / 75P
TL08xx FET-Input Operational Amplifiers
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com