Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8540XMVRT-SV Datasheet(PDF) 33 Page - Microchip Technology

Part # VSC8540XMVRT-SV
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-SV Datasheet(HTML) 33 Page - Microchip Technology

Back Button VSC8540XMVRT-SV Datasheet HTML 29Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 30Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 31Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 32Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 33Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 34Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 35Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 36Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 33
VSC8540RT
5.15
Start of Frame (SOF) Indication
The VSC8540RT device includes support for IEEE 1588 timing by generating a SOF pulse when the Start of Frame
Delimiter (SFD, octet 0xD5) is detected by the PCS engine. The pulse indicates the actual time the SFD symbol is
received at the PCS. There is a fixed timing relationship from the time the SFD arrives at the PCS to when it appears
on the line in the receive or transmit direction. Use of this signal decreases the additional variability in timing from the
MAC interface to the PCS that can result from multiple clock domain crossings. For 100BASE-TX, the SOF signal can
have variability of ±4 ns.
The SOF pulse is generated in both transmit and receive directions and the associated clocks used in the PCS engines
are also output to chip pins to provide an accurate timing reference. These signals are multiplexed onto the higher order
GMII signals and are only available when using the RGMII or RMII interface modes. To enable this functionality, set reg-
ister bit 20E2.12 to 1.
FIGURE 5-16:
SOF INDICATION
5.16
Forced Speed Mode Link-Up Timing
The following table specifies the time the device will take to establish a link when operating in a forced speed mode.
In 100Base-TX mode, HP Auto-MDIX can be disabled by setting register 18 bit 7.
Link-up times are given for previously-configured PHYs on each side of the link— that is, the times do not include con-
figuration time prior to attempting link-up. Both the device and link partner must be configured in forced speed mode to
achieve the listed link-up times.
5.17
Testing Features
The VSC8540RT device includes several testing features designed to facilitate performing system-level debugging and
in-system production testing. This section describes the available features.
5.17.1
ETHERNET PACKET GENERATOR
The Ethernet Packet Generator (EPG) can be used at each of the 10/100BASE-TX speed settings for copper Cat5
media to isolate problems between the MAC and the VSC8540RT device, or between a locally connected PHY and its
remote link partner. Enabling the EPG feature disables all MAC interface transmit pins and selects the EPG as the
source for all data transmitted onto the twisted pair interface.
Note:
The EPG is intended for use with laboratory or in-system testing equipment only. Do not use the EPG testing
feature when the VSC8540RT device is connected to a live network.
To enable the EPG feature, set the device register bit 29E1.15 to 1.
TABLE 5-17:
SOF INDICATION
Pin
Signal
RXD7
RX_SOF
RXD6
RX_SOF_CLK
RXD5
TX_SOF
RXD4
TX_SOF_CLK
TABLE 5-18:
FORCED SPEED MODE LINK-UP TIMING
Forced Mode
Minimum Maximum Units
100Base-TX, HP Auto-MDIX Disabled
43
240
ms
100Base-TX, HP Auto-MDIX Enabled
43
4000
ms
CLK
DATA
SOF
55
55
55
D5
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com